Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 4 Page - Renesas Technology Corp

  PLQP0048KB-B Datasheet HTML 1Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 2Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 3Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 4Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 5Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 6Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 7Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 8Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 4 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Timers
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Count clock: Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 1, 16, 32, 64, 128, or 256
Realtime clock (RTCe)
 Clock source: Sub-clock
 Time/calendar
 Interrupts: Alarm interrupt, periodic interrupt, and carry interrupt
 Time-capture facility for three values
Low power timer (LPT)
 16 bits × 1 channel
 Clock source: Sub-clock, Dedicated low-speed on-chip oscillator for the IWDT
Frequency divided by 2, 4, 8, 16, or 32
8-bit timer (TMR)
 (8 bits × 2 channels) × 2 units
 Seven internal clocks (PCLK/1, PCLK/2, PCLK/8, PCLK/32, PCLK/64, PCLK/1024, and PCLK/8192)
and an external clock can be selected
 Pulse output and PWM output with any duty cycle are available
 Two channels can be cascaded and used as a 16-bit timer
Communication
functions
Serial communications
interfaces (SCIg, SCIh)
 7 channels (channel 0, 1, 5, 6, 8, 9: SCIg, channel 12: SCIh)
 SCIg
Serial communications modes: Asynchronous, clock synchronous, and smart-card interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Start-bit detection: Level or edge detection is selectable.
Simple I2C
Simple SPI
9-bit transfer mode
Bit rate modulation
Event linking by the ELC (only on channel 5)
 SCIh (The following functions are added to SCIg)
Supports the serial communications protocol, which contains the start frame and information frame
Supports the LIN format
IrDA interface (IRDA)
 1 channel (SCI5 used)
 Supports encoding/decoding of waveforms conforming to IrDA standard 1.0
I2C bus interface (RIICa)
 1 channel
 Communications formats: I2C bus format/SMBus format
 Master mode or slave mode selectable
 Supports fast mode
Serial peripheral interface
(RSPIa)
 1 channel
 Transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select), and RSPCK
(RSPI clock) enables serial transfer through SPI operation (four lines) or clock-synchronous
operation (three lines)
 Capable of handling serial transfer as a master or slave
 Data formats
 Choice of LSB-first or MSB-first transfer
The number of bits in each transfer can be changed to 8, 9, 10, 11, 12, 13, 14, 15, 16, 20, 24, or
32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with each frame
having up to 32 bits)
 Double buffers for both transmission and reception
USB 2.0 host/function
module (USBd)
 USB Device Controller (UDC) and transceiver for USB 2.0 are incorporated.
 Host/function module: 1 port
 Compliant with USB version 2.0
 Transfer speed: Full-speed (12 Mbps), low-speed (1.5 Mbps)
 OTG (ON-The-Go) is supported.
 Isochronous transfer is supported.
 BC1.2 (Battery Charging Specification Revision 1.2) is supported.
 Internal power supply for USB (allows operation without external power input to the VCC_USB pin
when VCC = 4.0 to 5.5V)
CAN module (RSCAN)
 1 channel
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 16 Message boxes
Table 1.1
Outline of Specifications (3/4)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com