Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 94Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 95Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 96Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 97Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 98Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 99Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 100Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 97 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. The value of the D/A converter is the value of the power supply current including the reference current.
Note 2. Current consumed only by the USB module.
Note 3. Includes the current supplied from the pull-up resistor of the USB0_DP pin to the pull-down resistor of the host device, in
addition to the current consumed by this MCU during the suspended state.
Note 4. Current consumed by the power supplies (VCC and VCC_USB).
Note 5. Current consumed only by the comparator B module.
Note 6. Current consumed by the power supply (VCC).
Note 7. When VCC = AVCC0 = VCC_USB = 3.3 V.
Table 5.11
DC Characteristics (9)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.*7
Max.
Unit
Test Conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
—0.7
1.7
mA
During A/D conversion (in low-current mode)
—
0.6
1.0
During D/A conversion (per channel)*1
—0.4
0.8
Waiting for A/D and D/A conversion (all units)
—
—
0.4
μA
Reference
power supply
current
During A/D conversion (at high-speed conversion)
IREFH0
—
25
150
μA
Waiting for A/D conversion (all units)
—
—
60
nA
During D/A conversion (per channel)
IREFH
—
50
100
μA
Waiting for D/A conversion (all units)
—
—
100
nA
LVD1, 2
per channel
ILVD
—0.15
—
μA
Temperature
sensor*6
—ITEMP
—75—
μA
Comparator B
operating
current*6
Window mode
ICMP*5
—
12.5
28.6
μA
Comparator high-speed mode (per channel)
—
3.2
16.2
μA
Comparator low-speed mode (per channel)
—
1.7
4.4
μA
CTSU
operating
current
When sleep mode
Base clock frequency: 2MHz
Pin capacitance: 50pF
ICTSU
—
150
—
μA
USB operating
current*4
During USB communication operation under the
following settings and conditions
Host controller operation is set to full-speed
mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
Connect peripheral devices via a 1-meter USB
cable from the USB port.
IUSBH*2
—4.3
(VCC)
0.9
(VCC_USB)
—mA
During USB communication operation under the
following settings and conditions
Function controller operation is set to full-speed
mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
Connect the host device via a 1-meter USB
cable from the USB port.
IUSBF*2
—3.6
(VCC)
1.1
(VCC_USB)
—mA
During suspended state under the following setting
and conditions
Function controller operation is set to full-speed
mode (pull up the USB0_DP pin)
Software standby mode
Connect the host device via a 1-meter USB
cable from the USB port.
ISUSP*3
—0.35
(VCC)
170
(VCC_USB)
—
μA
Table 5.12
DC Characteristics (10)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RAM standby voltage
VRAM
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com