Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 97Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 98Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 99Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 100Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 101Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 102Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 103Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 104Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 101 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Table 5.18
Output Values of Voltage (1)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 < 2.7 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Output low
All output ports
Normal output mode
VOL
—0.8
V
IOL = 0.5 mA
High-drive output mode
—
0.8
IOL = 1.0 mA
Output high
All output ports
Normal output
mode
Ports 03, 05, 07,
Ports 40 to 47
VOH
AVCC0 – 0.5
—
V
IOH = –0.5 mA
Ports other than
above
VCC – 0.5
—
High-drive output mode
VCC – 0.5
—
IOH = –1.0 mA
Table 5.19
Output Values of Voltage (2)
Conditions: 2.7 V
≤ VCC = VCC_USB = AVCC0 < 4.0 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Output low
All output ports
(except for RIIC)
Normal output mode
VOL
—0.8
V
IOL = 1.0 mA
High-drive output mode
—
0.8
IOL = 2.0 mA
RIIC pins
Standard mode (Normal output
mode)
—0.4
IOL = 3.0 mA
Fast mode (High-drive output
mode)
—0.6
IOL = 6.0 mA
Output high
All output ports
Normal output
mode
Ports 03, 05, 07,
Ports 40 to 47
VOH
AVCC0 – 0.8
—
V
IOH = –1.0 mA
Ports other than
above
VCC – 0.8
High-drive output mode
VCC – 0.8
—
IOH = –2.0 mA
Table 5.20
Output Values of Voltage (3)
Conditions: 4.0 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Output low
All output ports
(except for RIIC)
Normal output mode
VOL
—0.8
V
IOL = 2.0 mA
High-drive output mode
—
0.8
IOL = 4.0 mA
RIIC pins
Standard mode(Normal output
mode)
—0.4
IOL = 3.0 mA
Fast mode (High-drive output
mode)
—0.6
IOL = 6.0 mA
Output high
All output ports
Normal output
mode
Ports 03, 05, 07,
Ports 40 to 47
VOH
AVCC0 – 0.8
—
V
IOH = –2.0 mA
Ports other than
above
VCC – 0.8
—
High-drive output mode
VCC – 0.8
—
IOH = –4.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com