Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 47Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 48Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 49Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 50Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 51Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 52Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 53Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 54Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 51 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 71E4h
ICU
DTC Activation Enable Register 228
DTCER228
8
8
2 ICLK
0008 71E7h
ICU
DTC Activation Enable Register 231
DTCER231
8
8
2 ICLK
0008 71E8h
ICU
DTC Activation Enable Register 232
DTCER232
8
8
2 ICLK
0008 71EBh
ICU
DTC Activation Enable Register 235
DTCER235
8
8
2 ICLK
0008 71ECh
ICU
DTC Activation Enable Register 236
DTCER236
8
8
2 ICLK
0008 71EFh
ICU
DTC Activation Enable Register 239
DTCER239
8
8
2 ICLK
0008 71F0h
ICU
DTC Activation Enable Register 240
DTCER240
8
8
2 ICLK
0008 71F7h
ICU
DTC Activation Enable Register 247
DTCER247
8
8
2 ICLK
0008 71F8h
ICU
DTC Activation Enable Register 248
DTCER248
8
8
2 ICLK
0008 71FBh
ICU
DTC Activation Enable Register 251
DTCER251
8
8
2 ICLK
0008 71FCh
ICU
DTC Activation Enable Register 252
DTCER252
8
8
2 ICLK
0008 71FDh
ICU
DTC Activation Enable Register 253
DTCER253
8
8
2 ICLK
0008 71FEh
ICU
DTC Activation Enable Register 254
DTCER254
8
8
2 ICLK
0008 71FFh
ICU
DTC Activation Enable Register 255
DTCER255
8
8
2 ICLK
0008 7202h
ICU
Interrupt Request Enable Register 02
IER02
8
8
2 ICLK
0008 7203h
ICU
Interrupt Request Enable Register 03
IER03
8
8
2 ICLK
0008 7204h
ICU
Interrupt Request Enable Register 04
IER04
8
8
2 ICLK
0008 7205h
ICU
Interrupt Request Enable Register 05
IER05
8
8
2 ICLK
0008 7206h
ICU
Interrupt Request Enable Register 06
IER06
8
8
2 ICLK
0008 7207h
ICU
Interrupt Request Enable Register 07
IER07
8
8
2 ICLK
0008 7208h
ICU
Interrupt Request Enable Register 08
IER08
8
8
2 ICLK
0008 720Ah
ICU
Interrupt Request Enable Register 0A
IER0A
8
8
2 ICLK
0008 720Bh
ICU
Interrupt Request Enable Register 0B
IER0B
8
8
2 ICLK
0008 720Ch
ICU
Interrupt Request Enable Register 0C
IER0C
8
8
2 ICLK
0008 720Dh
ICU
Interrupt Request Enable Register 0D
IER0D
8
8
2 ICLK
0008 720Eh
ICU
Interrupt Request Enable Register 0E
IER0E
8
8
2 ICLK
0008 720Fh
ICU
Interrupt Request Enable Register 0F
IER0F
8
8
2 ICLK
0008 7210h
ICU
Interrupt Request Enable Register 10
IER10
8
8
2 ICLK
0008 7211h
ICU
Interrupt Request Enable Register 11
IER11
8
8
2 ICLK
0008 7212h
ICU
Interrupt Request Enable Register 12
IER12
8
8
2 ICLK
0008 7213h
ICU
Interrupt Request Enable Register 13
IER13
8
8
2 ICLK
0008 7214h
ICU
Interrupt Request Enable Register 14
IER14
8
8
2 ICLK
0008 7215h
ICU
Interrupt Request Enable Register 15
IER15
8
8
2 ICLK
0008 7216h
ICU
Interrupt Request Enable Register 16
IER16
8
8
2 ICLK
0008 7217h
ICU
Interrupt Request Enable Register 17
IER17
8
8
2 ICLK
0008 7218h
ICU
Interrupt Request Enable Register 18
IER18
8
8
2 ICLK
0008 7219h
ICU
Interrupt Request Enable Register 19
IER19
8
8
2 ICLK
0008 721Ah
ICU
Interrupt Request Enable Register 1A
IER1A
8
8
2 ICLK
0008 721Bh
ICU
Interrupt Request Enable Register 1B
IER1B
8
8
2 ICLK
0008 721Ch
ICU
Interrupt Request Enable Register 1C
IER1C
8
8
2 ICLK
0008 721Dh
ICU
Interrupt Request Enable Register 1D
IER1D
8
8
2 ICLK
0008 721Eh
ICU
Interrupt Request Enable Register 1E
IER1E
8
8
2 ICLK
0008 721Fh
ICU
Interrupt Request Enable Register 1F
IER1F
8
8
2 ICLK
0008 72E0h
ICU
Software Interrupt Activation Register
SWINTR
8
8
2 ICLK
0008 72F0h
ICU
Fast Interrupt Set Register
FIR
16
16
2 ICLK
0008 7300h
ICU
Interrupt Source Priority Register 000
IPR000
8
8
2 ICLK
0008 7302h
ICU
Interrupt Source Priority Register 002
IPR002
8
8
2 ICLK
0008 7303h
ICU
Interrupt Source Priority Register 003
IPR003
8
8
2 ICLK
0008 7304h
ICU
Interrupt Source Priority Register 004
IPR004
8
8
2 ICLK
0008 7305h
ICU
Interrupt Source Priority Register 005
IPR005
8
8
2 ICLK
0008 7306h
ICU
Interrupt Source Priority Register 006
IPR006
8
8
2 ICLK
0008 7307h
ICU
Interrupt Source Priority Register 007
IPR007
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (9 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com