Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 83Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 84Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 85Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 86Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 88Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 89Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 87 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
5.2
DC Characteristics
Table 5.3
DC Characteristics (1)
Conditions: 2.7 V
≤ VCC = VCC_USB ≤ 5.5 V, 2.7 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
RIIC input pin
(except for SMBus, 5 V tolerant)
VIH
VCC × 0.7
—
5.8
V
Ports 12, 13, 16, 17, port B5
(5 V tolerant)
VCC × 0.8
—
5.8
Ports 14 to 15, ports 20 to 27,
ports 33 to 37, ports 50 to 55,
ports A0 to A7,
ports B0 to B4, B6, B7
ports C0 to C7,
ports D0 to D7,
ports E0 to E7,
port J3,
Ports 30 to 32 (when time capture
event input is not selected), RES
VCC × 0.8
—
VCC + 0.3
Ports 03, 05, 07, ports 40 to 47
AVCC0 × 0.8
—
AVCC0 + 0.3
Ports 30 to 32
(when time
capture event
input is
selected)
When VCC is
supplied
VCC × 0.8
—
VCC + 0.3
When VBATT is
supplied
VBATT × 0.8
—
VBATT + 0.3
Ports 03, 05, 07, ports 40 to 47
VIL
–0.3
—
AVCC0 × 0.2
RIIC input pin (except for SMBus)
–0.3
—
VCC × 0.3
Other than RIIC input pin or ports
30 to 32
–0.3
—
VCC × 0.2
Ports 30 to 32
(when time
capture event
input is
selected)
When VCC is
supplied
–0.3
—
VCC × 0.3
When VBATT is
supplied
–0.3
—
VBATT × 0.3
Ports 03, 05, 07, ports 40 to 47
∆V
T
AVCC0 × 0.1
—
—
RIIC input pin (except for SMBus)
VCC × 0.05
—
—
Ports 12, 13, 16, 17, Port B5
VCC × 0.05
—
—
Other than RIIC input pin
VCC × 0.1
—
—
Input level
voltage (except
for Schmitt
trigger input
pins)
MD
VIH
VCC × 0.9
—
VCC + 0.3
V
EXTAL (external clock input)
VCC × 0.8
—
VCC + 0.3
RIIC input pin (SMBus)
2.1
—
VCC + 0.3
MD
VIL
–0.3
—
VCC × 0.1
EXTAL (external clock input)
–0.3
—
VCC × 0.2
RIIC input pin (SMBus)
–0.3
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com