Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 9Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 10Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 11Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 12Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 13Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 14Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 15Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 16Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 13 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
1.4
Pin Functions
Table 1.5
lists the pin functions.
Table 1.5
Pin Functions (1/4)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
—
Connect this pin to the VSS pin via the 4.7
μF smoothing capacitor used to
stabilize the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
VBATT
Input
Backup power pin
Clock
XTAL
Output
Pins for connecting a crystal. An external clock can be input through the
EXTAL pin.
EXTAL
Input
BCLK
Output
Outputs the external bus clock for external devices.
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal between
XCIN and XCOUT.
XCOUT
Output
CLKOUT
Output
Clock output pin.
Operating mode
control
MD
Input
Pin for setting the operating mode. The signal levels on this pin must not
be changed during operation.
UB
Input
Pin used for boot mode (USB interface).
UPSEL
Input
Pin used for boot mode (USB interface).
System control
RES#
Input
Reset pin. This MCU enters the reset state when this signal goes low.
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit.
On-chip
emulator
FINED
I/O
FINE interface pin.
Address bus
A0 to A23
Output
Output pins for the address.
Data bus
D0 to D15
I/O
Input and output pins for the bidirectional data bus.
Multiplexed bus
A0/D0 to A15/D15
I/O
Address/data multiplexed bus
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus interface
space is in progress.
WR#
Output
Strobe signal which indicates that writing to the external bus interface
space is in progress, in single-write strobe mode.
WR0#, WR1#
Output
Strobe signals which indicate that either group of data bus pins (D7 to D0,
and D15 to D8) is valid in writing to the external bus interface space, in
byte strobe mode.
BC0#, BC1#
Output
Strobe signals which indicate that either group of data bus pins (D7 to D0
and D15 to D8) is valid in access to the external bus interface space, in
single-write strobe mode.
CS0# to CS3#
Output
Select signals for areas 0 to 3.
WAIT#
Input
Input pin for wait request signals in access to the external space.
ALE
Output
Address latch signal when address/data multiplexed bus is selected.
LVD
CMPA2
Input
Detection target voltage pin for voltage detection 2.
Interrupts
NMI
Input
Non-maskable interrupt request pin.
IRQ0 to IRQ7
Input
Interrupt request pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com