Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 92Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 94Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 95Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 96Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 97Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 94 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. The IWDT, LVD, and CMPB are stopped.
Note 3. When VCC is 3.3 V.
Note 4. This increment includes the oscillation circuit.
Figure 5.4
Voltage Dependency in Software Standby Mode (Reference Data)
Table 5.8
DC Characteristics (6)
Conditions: 1.8 V
≤ VCC= VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ.*3
Max.
Unit
Test Conditions
Supply
current*1
Software standby
mode*2
Ta = 25°C
ICC
0.8
3.7
μA
Ta = 55°C
1.2
4.3
Ta = 85°C
3.5
18.6
Ta = 105°C
7.9
45.2
Increment for IWDT operation
0.4
—
Increment for LPT operation
0.4
—
Use IWDT-Dedicated On-Chip Oscillator for
clock source
Increment for RTC operation*4
0.4
—
RCR3.RTCDV[2:0] set to low drive capacity
1.2
—
RCR3.RTCDV[2:0] set to normal drive
capacity
Ta = 105°C
*2
Ta = 105°C
*1
Ta = 85°C
*2
Ta = 85°C
*1
Ta = 55°C
*2
Ta = 25°C
*2
Ta = 55°C
*1
Ta = 25°C
*1
Ta = 105°C
*2
Ta = 105°C
*1
Ta = 85°C
*2
Ta = 85°C
*1
Ta = 55°C
*2
Ta = 55°C
*1
Ta = 25°C
*1
Ta = 25°C
*2
2
2.5
3
3.5
4
4.5
6
5
5.5
1.5
VCC (V)
10
1
0.1
100
Note 1. Indicates the average of the typical samples through actual measurement during product evaluation.
Note 2. Indicates the average of the upper-limit samples through actual measurement during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com