Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQP0048KB-B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 1 Page - Renesas Technology Corp

  PLQP0048KB-B Datasheet HTML 1Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 2Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 3Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 4Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 5Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 6Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 7Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 8Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 177 page
background image
Datasheet
R01DS0261EJ0110 Rev.1.10
Page 1 of 177
Oct 30, 2015
RX230 Group, RX231 Group
Renesas MCUs
Features
■ 32-bit RXv2 CPU core
 Max. operating frequency: 54 MHz
Capable of 88.56 DMIPS in operation at 54 MHz
 Enhanced DSP: 32-bit multiply-accumulate and 16-bit
multiply-subtract instructions supported
 Built-in FPU: 32-bit single-precision floating point (compliant to
IEEE754)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
 Memory protection unit (MPU) supported
■ Low power design and architecture
 Operation from a single 1.8-V to 5.5-V supply
 RTC capable of operating on the battery backup power supply
 Three low power consumption modes
 Low power timer (LPT) that operates during the software standby state
■ On-chip flash memory for code
 128- to 512-Kbyte capacities
 On-board or off-board user programming
 Programmable at 1.8 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes (1,000,000 program/erase cycles (typ.))
 BGO (Background Operation)
■ On-chip SRAM, no wait states
 32- to 64-Kbyte size capacities
■ Data transfer functions
 DMAC: Incorporates four channels
 DTC: Four transfer modes
■ ELC
 Module operation can be initiated by event signals without using
interrupts.
 Linked operation between modules is possible while the CPU is sleeping.
■ Reset and supply management
 Eight types of reset, including the power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 Main clock oscillator frequency: 1 to 20 MHz
 External clock input frequency: Up to 20 MHz
 Sub-clock oscillator frequency: 32.768 kHz
 PLL circuit input: 4 MHz to 12.5 MHz
 On-chip low- and high-speed oscillators, dedicated on-chip low-speed
oscillator for the IWDT
 USB-dedicated PLL circuit: 4, 6, 8, or 12 MHz
54 MHz can be set for the system clock and 48 MHz for the USB clock
 Generation of a dedicated 32.768-kHz clock for the RTC
 Clock frequency accuracy measurement circuit (CAC)
■ Realtime clock
 Adjustment functions (30 seconds, leap year, and error)
 Calendar count mode or binary count mode selectable
 Time capture function
 Time capture on event-signal input through external pins
■ Independent watchdog timer
 15-kHz on-chip oscillator produces a dedicated clock signal to drive
IWDT operation.
■ Useful functions for IEC60730 compliance
 Self-diagnostic and disconnection-detection assistance functions for
the A/D converter, clock frequency accuracy measurement circuit,
independent watchdog timer, RAM test assistance functions using the
DOC, etc.
■ External address space
 Four CS areas (4 × 16 Mbytes)
 8- or 16-bit bus space is selectable per area
■ MPC
 Input/output functions selectable from multiple pins
■ Up to 14 communication functions
 USB 2.0 host/function/On-The-Go (OTG) (one channel),
full-speed = 12 Mbps, low-speed = 1.5 Mbps, isochronous transfer, and
BC (Battery Charger) supported
 CAN (one channel) compliant to ISO11898-1:
Transfer at up to 1 Mbps
 SCI with many useful functions (up to 7 channels)
Asynchronous mode, clock synchronous mode, smart card interface
Reduction of errors in communications using the bit modulation
function
 IrDA interface (one channel, in cooperation with the SCI5)
 I2C bus interface: Transfer at up to 400 kbps, capable of SMBus
operation (one channel)
 RSPI (one channel): Transfer at up to 16 Mbps
 Serial sound interface (one channel)
 SD host interface (optional: one channel) SD memory/ SDIO 1-bit or
4-bit SD bus supported
Note: 48-pin packages support 1-bit mode only
■ Up to 20 extended-function timers
 16-bit MTU: input capture, output compare, complementary PWM
output, phase counting mode (six channels)
 16-bit TPU: input capture, output compare, phase counting mode (six
channels)
 8-bit TMR (four channels)
 16-bit compare-match timers (four channels)
■ 12-bit A/D converter
 Capable of conversion within 0.83 μs
 24 channels
 Sampling time can be set for each channel
 Self-diagnostic function and analog input disconnection detection
assistance function
■ 12-bit D/A converter
 Two channels
■ Capacitive touch sensing unit
 Self-capacitance method: A single pin configures a single key,
supporting up to 24 keys
 Mutual capacitance method: Matrix configuration with 24 pins, supporting
up to 144 keys
■ Analog comparator
 Two channels × two units
■ General I/O ports
 5-V tolerant, open drain, input pull-up, switching of driving capacity
■ Security Functions (TSIP-Lite)
 Unauthorized access to the encryption engine is disabled and
imposture and falsification of information are prevented
 Safe management of keys
 128- or 256-bit key length of AES for ECB, CBC, GCM, others
 True random number generator
■ Temperature sensor
■ Operating temperature range
40 to +85C
40 to +105C
■ Applications
 General industrial and consumer equipment
PLQP0100KB-B 14 × 14 mm, 0.5 mm pitch
PLQP0064KB-C 10 × 10 mm, 0.5 mm pitch
PLQP0048KB-B 7 × 7 mm, 0.5 mm pitch
PWQN0064KC-A 9 × 9 mm, 0.5 mm pitch
PWQN0048KB-A 7 × 7 mm, 0.5 mm pitch
PTLG0100KA-A 5.5 × 5.5 mm, 0.5 mm pitch
PWLG0064KA-A 5 × 5 mm, 0.5 mm pitch
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory,
various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD host
interface, serial sound interface, capacitive touch sensing unit, 12-bit A/D, 12-bit D/A, RTC, AES,
MPU security functions
R01DS0261EJ0110
Rev.1.10
Oct 30, 2015


Similar Part No. - PLQP0048KB-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0048KB-B RENESAS-PLQP0048KB-B Datasheet
1Mb / 98P
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
PLQP0048KB-B RENESAS-PLQP0048KB-B Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
PLQP0048KB-B RENESAS-PLQP0048KB-B Datasheet
1Mb / 146P
RENESAS MCU
Rev. 1.11 Mar 22, 2024
More results

Similar Description - PLQP0048KB-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230_V01 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com