Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 75Page - Cirrus Logic CS43130 Datasheet HTML 76Page - Cirrus Logic CS43130 Datasheet HTML 77Page - Cirrus Logic CS43130 Datasheet HTML 78Page - Cirrus Logic CS43130 Datasheet HTML 79Page - Cirrus Logic CS43130 Datasheet HTML 80Page - Cirrus Logic CS43130 Datasheet HTML 81Page - Cirrus Logic CS43130 Datasheet HTML 82Page - Cirrus Logic CS43130 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 137 page
background image
DS1073F1
79
CS43130
5.10 Example Sequences
28
Headphone Detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
00
10
0
HP Detect enabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
29
Enable Interrupts
30
Read Interrupt Status 1 register (0xF0000), Interrupt Status 2 register (0xF0001) and Interrupt Status 5 register (0xF0004) to clear sticky bits
31
Enable Headphone Detect
Interrupts
Interrupt Mask 1. 0xF0010
0x99
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
1
1
0
0
1
DAC_OVFL_INT is don’t care
Unmask HPDETECT_PLUG interrupt
Unmask HPDETECT_UNPLUG interrupt
XTAL_READY_INT is don’t care
XTAL_ERROR_INT is don’t care
PLL_READY Interrupt is already unmasked
PLL_ERROR Interrupt is already unmasked
PDN_DONE_INT is don’t care
32
Enable XSP Interrupts
Interrupt Mask 2. 0xF0011
0x07
XSP_OVFL_INT_MASK
XSP_ERROR_INT_MASK
XSP_LATE_INT_MASK
XSP_EARLY_INT_MASK
XSP_NOLRCK_INT_MASK
Reserved
0
0
0
0
0
111
Enable XSP_OVFL interrupt
Enable XSP_ERROR interrupt
Enable XSP_LATE interrupt
Enable XSP_EARLY interrupt
Enable XSP_NOLRCK interrupt
33
Enable DSD and DoP
Interrupts
Interrupt Mask 5. 0xF0014
0x01
DSD_STUCK_INT_MASK
DSD_INVAL_A_INT_MASK
DSD_INVAL_B_INT_MASK
DSD_SILENCE_A_INT_MASK
DSD_SILENCE_B_INT_MASK
DSD_RATE_ERROR_INT_MASK
DOP_MRK_DET_INT_MASK
DOP_ON_INT_MASK
0
0
0
0
0
0
0
1
Enable DSD_STUCK interrupt
Enable DSD_INVAL_A interrupt
Enable DSD_INVAL_B interrupt
Enable DSD_SILENCE_A interrupt
Enable DSD_SILENCE_B interrupt
Enable DSD_RATE_ERROR interrupt
Enable DOP_MRK_DET interrupt
Disable DOP_ON interrupt
34
Set MCLK Source and
Frequency
System Clocking Control. 0x10006
0x04
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
1
00
MCLK Frequency is set to 22.5792 MHz
MCLK Source is set to XTAL
35
Wait for at least 150 µs
36
Enable XSP Clocks
Pad Interface Configuration. 0x1000D
0x01
Reserved
XSP_3ST
ASP_3ST
0000 00
0
1
ASP Interface status is don’t care (set to default)
Enable XSP serial clocks in master mode
37
Apply DSD Power-up Sequence in Ex. 5-10. Note that in Step 2 of Ex. 5-10, HH = 7F for DoP on XSP interface. Skip Step 1 of Ex. 5-10 (completed
in Step 7 above).
38
Enable ASP
39
Set ASP sample rate
Serial Port Sample Rate. 0x1000B
0x01
Reserved
ASP_SPRATE
0000
0001
Set sample rate to 44.1 kHz
40
Set ASP sample bit size
Serial Port Sample Bit Size. 0x1000C
0x04
Reserved
XSP_SPSIZE
ASP_SPSIZE
0000
01
00
ASP sample bit size set to 32 bits
41
Set ASP Numerator
ASP Numerator 1. 0x40010
0x01
ASP_N_LSB
0x01
LSB of ASP sample rate fractional divide numerator
ASP Numerator 2. 0x40011
0x00
ASP_N_MSB
0x00
MSB of ASP sample rate fractional divide numerator
42
Set ASP Denominator
ASP Denominator 1. 0x40012
0x08
ASP_M_LSB
0x08
LSB of ASP sample rate fractional divide denominator
ASP Denominator 2. 0x40013
0x00
ASP_M_MSB
0x00
MSB of ASP sample rate fractional divide denominator
43
Set ASP LRCK high Time
ASP LRCK High Time 1. 0x40014
0x1F
ASP_LCHI_LSB
0x1F
LSB of ASP LRCK high time duration
ASP LRCK High Time 2. 0x40015
0x00
ASP_LCHI_MSB
0x00
MSB of ASP LRCK high time duration
44
Set ASP LRCK period
ASP LRCK Period 1. 0x40016
0x3F
ASP_LCPR_LSB
0x3F
LSB of ASP LRCK period
ASP LRCK Period 2. 0x40017
0x00
ASP_LCPR_MSB
0x00
MSB of ASP LRCK period
Example 5-19. DoP and PCM Mixing (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com