Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 39Page - Cirrus Logic CS43130 Datasheet HTML 40Page - Cirrus Logic CS43130 Datasheet HTML 41Page - Cirrus Logic CS43130 Datasheet HTML 42Page - Cirrus Logic CS43130 Datasheet HTML 43Page - Cirrus Logic CS43130 Datasheet HTML 44Page - Cirrus Logic CS43130 Datasheet HTML 45Page - Cirrus Logic CS43130 Datasheet HTML 46Page - Cirrus Logic CS43130 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 137 page
background image
DS1073F1
43
CS43130
4.9 Audio Serial Port (ASP)
• LRCKx—Toggles at external sample rate (Fsext). LRCK (left/right, I²S) identifies each channel’s (left or right)
location in the data word when I²S format is used. LRCK identifies the start of each serialized data word. FSYNC
(frame sync clock, TDM) identifies the start of each TDM frame.
• SDINx—Serial data input
4.9.4
High-Impedance Mode
Serial ports can be placed on a clock bus that allows multiple masters without the need for external buffers. xSP_3ST bits
place the internal buffers for the respective serial-port interface signals in a high-impedance state, allowing another device
to transmit clocks without bus contention. When the CS43130 serial port is a timing slave, its SCLK and LRCK I/Os are
always inputs and are thus unaffected by the xSP_3ST control. Fig. 4-19 shows the busing for CS43130 master timing
serial-port use case.
Figure 4-19. Serial Port Busing when Master Timed
4.9.5
Clock Generation and Control
The CS43130 has a flexible serial port clock generation subsystem that allows independent clocking of the two serial ports.
When operating as a master port, the serial port provides a bit clock (xSP_SCLK) and a left-right/frame sync signal (xSP_
LRCK/FSYNC).
Fig. 4-20 and Fig. 4-21 show the serial port clocking architecture.
Figure 4-20. xSP SCLK and MCLK Architecture
Note: x = XSP or ASP
Transmitting
Device #1 (DAC)
Transmitting
Device #2
x_SCLK,
x_LRCK
x_3ST
Receiving Device
N
M
Internal MCLK
IN
N[13:0]
M[13:0]
SCLK
0
1
0
1
To LRCK
SCLK to
Serial Port
ASP_SCPOL_IN p. 102/
XSP_SCPOL_IN p. 104
ASP_M/SB p. 102/
XSP_M/SB p. 104
ASP_SCPOL_OUT p. 102/
XSP_SCPOL_OUT p. 104
ASP_M_LSB p. 100/XSP_M_LSB p. 103
ASP_M_MSB p. 101/XSP_M_MSB p. 103
ASP_N_LSB p. 100/XSP_N_LSB p. 102
ASP_N_MSB p. 100/XSP_N_MSB p. 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com