Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 17Page - Cirrus Logic CS43130 Datasheet HTML 18Page - Cirrus Logic CS43130 Datasheet HTML 19Page - Cirrus Logic CS43130 Datasheet HTML 20Page - Cirrus Logic CS43130 Datasheet HTML 21Page - Cirrus Logic CS43130 Datasheet HTML 22Page - Cirrus Logic CS43130 Datasheet HTML 23Page - Cirrus Logic CS43130 Datasheet HTML 24Page - Cirrus Logic CS43130 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
DS1073F1
21
CS43130
3 Characteristics and Specifications
Other DC filter characteristics
FILT+ voltage
—
–0.35
—
V
FILT– voltage
—
0.35
—
V
HP output current limiter on threshold.
—
120
160
mA
VD power-on
reset threshold
(VPOR)
Up
Down
—
—
1.15
0.950
—
—
V
V
Table 3-17. Power Consumption
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43130 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
performance data taken with VA = VCP = VD = VL = 1.8 V; VP = 3.6 V; TA = +25°C; ASP_SPRATE = 0001(44.1-kHz mode); MCLK_INT= 1
(22.5792 MHz); MCLK_SRC_SEL = 00; all other fields are set to defaults; no signal on any input; control port inactive; all serial ports are set to Slave or
Master Mode as indicated, input clock/data are held low unless active; test load is RL = 32  and CL = 1 nF for HPOUTx; measured values include currents
consumed by the DAC and do not include current delivered to external loads unless specified otherwise (e.g., from HPOUTx outputs); see Fig. 2-1.
Use Cases
Typical Current (µA)
Total
Power
(µW)
POUT
iVCP
iVA
iVD
iVL
iVP
1Off 1
1.Off configuration: Clock/data lines held low; RESET = LOW; VA = VD = VL = 0 V, VCP = 0 V, VP = 3.6 V.
—0
0
0
0
6
22
2
Standby 2
2.Standby configuration: Clock/data lines held low; RESET = HIGH; VA = VD = VL = 1.8 V, VCP = 1.8 V, VP = 3.6 V; HP_DETECT_CTRL = 11 (enabled);
HPDETECT_PLUG_INT_MASK=0 (unmasked); PDN_XTAL = 1, MCLK_SRC_SEL = 10 (RCO selected as MCLK source).
HPDETECT enabled
—
0
0
256
0
32
576
3 A Playback
External MCLK = 22.5792 MHz, I2S/DoP
Stereo HPOUT
Quiescent 3
3.Quiescent configuration: data lines held low; RESET = HIGH; VA = 1.8 V, VD = VL = VCP = 1.8 V, VP = 3.6 V. Serial port, I2S/DoP Mode (ASP and
SDIN, ASP_M/Sb = 0); PDN_XTAL = 1.
4021
7302
1444
40
32
23167
B
0.1mW
12363
7862
2004
40
32
40199
4
Alternate HP path stereo HPIN enabled 4
4.Quiescent configuration: PDN_XTAL = 1; MCLK_SRC_SEL = 10 (RCO selected as MCLK source); alternate headphone path (PDN_HP = 1, HPOUT_
CLAMP = 1, HP_IN_EN = 1); data lines held low; RESET = HIGH; VA = 1.8 V, VD = VL = VCP = 1.8 V, VP = 3.6 V.
Quiescent
209
110
393
3
66
1524
Table 3-18. Serial-Port Interface Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS43130 connections; GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground;
parameters can vary with VL; typical performance data taken with VL = VD = VA = VCP = 1.8 V, VP = 3.6 V; min/max performance data taken with VL =
1.8 V; VD = VA = VCP = 1.8 V, VP = 3.6 V; TA = +25°C; CL = 60 pF; Logic 0 = ground, Logic 1 = VL; output timings are measured at VOL and VOH thresholds
(see Table 3-11).
Parameters 1,2,3,4,5
1.MCLK in this table refers to the external clock supplied to the MCLK pin (MCLKEXT).
2.Output clock frequencies follow the master clock (MCLKEXT) frequency proportionally. Any deviation of the clock source from the nominal supported
rates are directly imparted to the output clock rate by the same factor (e.g., +100-ppm offset in the frequency of MCLKEXT becomes a +100-ppm
offset in LRCK/FSYNC and SCLK).
Symbol
Minimum
Typical
Maximum
Units
FSYNC frame rate
Fs
(See
Section 4.9.5)
kHz
FSYNC high period 6
tHI:FSYNC
1/fSCLK
—
(n–1)/fSCLK
s
Master
Mode
FSYNC duty cycle
xSP_5050 = 1
—
45
—
55
%
FSYNC delay time after SCLK launching edge 7
tD:CLK–FSYNC
——20
ns
SCLK frequency
fSCLK
——
fMCLK_INT
MHz
SCLK high period 8
tHI:SCLK
1/(2•fSCLK) –
1/fMCLK_INT
—1/(2•fSCLK) +
1/fMCLK_INT
ns
SDIN setup time before SCLK latching edge 7
tSU:SDI
10
—
—
ns
SDIN hold time after SCLK latching edge 7
tH:SDI
5—
—
ns
Slave
Mode
FSYNC setup time before SCLK latching edge 7
tSU:FSYNC
10
—
—
ns
FSYNC hold time after SCLK latching edge 7
tH:FSYNC
5—
—
ns
SCLK frequency
fSCLK
——
24.58
MHz
SCLK high period
tHI:SCLK
16
—
—
ns
SCLK low period
tLO:SCLK
16
—
—
ns
SDIN setup time before SCLK latching edge 9
tSU:SDI
10
—
—
ns
SDIN hold time after SCLK latching edge 7
tH:SDI
5—
—
ns
Table 3-16. DC Characteristics (Cont.)
Test conditions (unless otherwise specified): Fig. 2-1 shows CS43130 connections; GNDD = GNDA = GNDCP = 0 V; all voltages with respect to ground.
Parameters
Minimum
Typical
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com