Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 94 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 94 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 90Page - Cirrus Logic CS43130 Datasheet HTML 91Page - Cirrus Logic CS43130 Datasheet HTML 92Page - Cirrus Logic CS43130 Datasheet HTML 93Page - Cirrus Logic CS43130 Datasheet HTML 94Page - Cirrus Logic CS43130 Datasheet HTML 95Page - Cirrus Logic CS43130 Datasheet HTML 96Page - Cirrus Logic CS43130 Datasheet HTML 97Page - Cirrus Logic CS43130 Datasheet HTML 98Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 137 page
background image
94
DS1073F1
CS43130
6 Register Quick Reference
0x0E 0000 HP Load 1
HPLOAD_EN
—
HPLOAD_
CHN_SEL
—HPLOAD_AC_
START
HPLOAD_DC_
START
p. 113
0
000000
0
0x0E 0001–
0x0E 0002
Reserved
—
0
000000
0
0x0E 0003 HP Load Measurement
1
HPLOAD_MEAS_FREQ_LSB
p. 113
0
000000
0
0x0E 0004 HP Load Measurement
2
HPLOAD_MEAS_FREQ_MSB
p. 113
0
000000
0
0x0E 0005–
0x0E 000C
Reserved
—
0
000000
0
0x0E 000D HP DC Load Status 0
(Read Only)
RL_DC_STAT_0
p. 114
0
000000
0
0x0E 000E HP DC Load Status 1
(Read Only)
RL_DC_STAT_1
p. 114
0
000000
0
0x0E 000F Reserved
—
0
000000
0
0x0E 0010 HP AC Load Status 0
(Read Only)
RL_AC_STAT_0
p. 114
0
000000
0
0x0E 0011 HP AC Load Status 1
(Read Only)
RL_AC_STAT_1
p. 114
0
000000
0
0x0E 0012–
0x0E 0019
Reserved
—
0
000000
0
0x0E 001A HP Load Status (Read
Only)
HPLOAD_DC_
ONCE
HPLOAD_
BUSY
—
HPLOAD_AC_
DONE
HPLOAD_AC_
BUSY
HPLOAD_DC_
DONE
HPLOAD_DC_
BUSY
p. 114
0
000000
0
0x0E 001B–
0x0E FFFF
Reserved
—
0
000000
0
0x0F 0000 Interrupt Status 1
(Read Only)
DAC_OVFL_
INT
HP_DETECT_
PLUG_INT
HP_DETECT_
UNPLUG_INT
XTAL_
READY_INT
XTAL_
ERROR_INT
PLL_READY_
INT
PLL_ERROR_
INT
PDN_DONE_
INT
p. 115
0
000000
0
0x0F 0001 Interrupt Status 2
(Read Only)
ASP_OVFL_
INT
ASP_ERROR_
INT
ASP_LATE_
INT
ASP_EARLY_
INT
ASP_
NOLRCK_INT
—
p. 115
0
000000
0
0x0F 0002 Interrupt Status 3
(Read Only)
XSP_OVFL_
INT
XSP_ERROR_
INT
XSP_LATE_
INT
XSP_EARLY_
INT
XSP_
NOLRCK_INT
—
p. 116
0
000000
0
0x0F 0003 Interrupt Status 4
(Read Only)
HPLOAD_NO_
DC_INT
HPLOAD_
UNPLUG_INT
—HPLOAD_
OOR_INT
HPLOAD_AC_
DONE_INT
HPLOAD_DC_
DONE_INT
HPLOAD_
OFF_INT
HPLOAD_ON_
INT
p. 116
0
000000
0
0x0F 0004 Interrupt Status 5
(Read Only)
DSD_STUCK_
INT
DSD_INVAL_
A_INT
DSD_INVAL_
B_INT
DSD_
SILENCE_A_
INT
DSD_
SILENCE_B_
INT
DSD_RATE_
ERROR_INT
DOP_MRK_
DET_INT
DOP_ON_INT
p. 117
0
000000
0
0x0F 0005–
0x0F 000F
Reserved
—
0
000000
0
0x0F 0010 Interrupt Mask 1
DAC_OVFL_
INT_MASK
HP_DETECT_
PLUG_INT_
MASK
HP_DETECT_
UNPLUG_
INT_MASK
XTAL_
READY_INT_
MASK
XTAL_
ERROR_INT_
MASK
PLL_READY_
INT_MASK
PLL_ERROR_
INT_MASK
PDN_DONE_
INT_MASK
p. 117
1
111111
1
0x0F 0011 Interrupt Mask 2
ASP_OVFL_
INT_MASK
ASP_ERROR_
INT_MASK
ASP_LATE_
INT_MASK
ASP_EARLY_
INT_MASK
ASP_
NOLRCK_
INT_MASK
—
p. 118
1
111111
1
0x0F 0012 Interrupt Mask 3
XSP_OVFL_
INT_MASK
XSP_ERROR_
INT_MASK
XSP_LATE_
INT_MASK
XSP_EARLY_
INT_MASK
XSP_
NOLRCK_
INT_MASK
—
p. 118
1
111111
1
0x0F 0013 Interrupt Mask 4
HPLOAD_NO_
DC_INT_
MASK
HPLOAD_
UNPLUG_
INT_MASK
—HPLOAD_
OOR_INT_
MASK
HPLOAD_AC_
DONE_INT_
MASK
HPLOAD_DC_
DONE_INT_
MASK
HPLOAD_
OFF_INT_
MASK
HPLOAD_ON_
INT_MASK
p. 119
1
111111
1
0x0F 0014 Interrupt Mask 5
DSD_STUCK_
INT_MASK
DSD_INVAL_
A_INT_MASK
DSD_INVAL_
B_INT_MASK
DSD_
SILENCE_A_
INT_MASK
DSD_
SILENCE_B_
INT_MASK
DSD_RATE_
ERROR_INT_
MASK
DOP_MRK_
DET_INT_
MASK
DOP_ON_
INT_MASK
p. 120
1
111111
1
0x0F 0015–
0x0F FFFF
Reserved
—
0
000000
0
Table 6-1. Register Quick Reference (Cont.)
Address
Function
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com