Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 87Page - Cirrus Logic CS43130 Datasheet HTML 88Page - Cirrus Logic CS43130 Datasheet HTML 89Page - Cirrus Logic CS43130 Datasheet HTML 90Page - Cirrus Logic CS43130 Datasheet HTML 91Page - Cirrus Logic CS43130 Datasheet HTML 92Page - Cirrus Logic CS43130 Datasheet HTML 93Page - Cirrus Logic CS43130 Datasheet HTML 94Page - Cirrus Logic CS43130 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
DS1073F1
91
CS43130
6 Register Quick Reference
6 Register Quick Reference
Notes: Default values are shown below the bit field names. The default values in all reserved bits must be preserved.
Table 6-1. Register Quick Reference
Address
Function
7
654321
0
0x01 0000 Device ID A and B
(Read Only)
DEVIDA
DEVIDB
p. 95
0
100001
1
0x01 0001 Device ID C and D
(Read Only)
DEVIDC
DEVIDD
p. 95
0
001001
1
0x01 0002 Device ID E (Read
Only)
DEVIDE
—
p. 95
0
000000
0
0x01 0004 Revision ID (Read
Only)
AREVID
MTLREVID
p. 95
xxx
xxxxx
0x01 0005 Subrevision ID (Read
Only)
SUBREVID
p. 95
x
x
x
x
x
x
x
x
0x01 0006 System Clocking
Control
—
MCLK_INT
MCLK_SRC_SEL
p. 96
0
000011
0
0x01 0007–
0x01 000A
Reserved
—
0
000000
0
0x01 000B Serial Port Sample
Rate
—ASP_SPRATE
p. 96
0
000000
1
0x01 000C Serial Port Sample Bit
Size
—
XSP_SPSIZE
ASP_SPSIZE
p. 96
0
000010
1
0x01 000D Pad Interface
Configuration
—
XSP_3ST
ASP_3ST
p. 96
0
000001
1
0x01 000E–
0x01 FFFF
Reserved
—
0
000000
0
0x02 0000 Power Down Control
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
—
p. 97
1
111111
0
0x02 0001–
0x02 0051
Reserved
—
0
000000
0
0x02 0052 Crystal Setting
—
XTAL_IBIAS
p. 97
00
0
0
0
1
0
0
0x02 0053–
0x03 0000
Reserved
—
0
000000
0
0x03 0001 PLL Setting 1
—
PLL_START
p. 98
0
000000
0
0x03 0002 PLL Setting 2
PLL_DIV_FRAC_0
p. 98
0
000000
0
0x03 0003 PLL Setting 3
PLL_DIV_FRAC_1
p. 98
0
000000
0
0x03 0004 PLL Setting 4
PLL_DIV_FRAC_2
p. 98
0
000000
0
0x03 0005 PLL Setting 5
PLL_DIV_INT
p. 98
0
100000
0
0x03 0006–
0x03 0007
Reserved
—
0
000000
0
0x03 0008 PLL Setting 6
PLL_OUT_DIV
p. 99
0
001000
0
0x03 0009 Reserved
—
0
000000
0
0x03 000A PLL Setting 7
PLL_CAL_RATIO
p. 99
1
000000
0
0x03 000B–
0x03 001A
Reserved
—
0
000000
0
0x03 001B PLL Setting 8
—
—
—
PLL_MODE
—
p. 99
0
000001
1
0x03 001C–
0x04 0001
Reserved
—
0
000000
0
0x04 0002 PLL Setting 9
—
PLL_REF_PREDIV
p. 99
0
000001
0
0x04 0003 Reserved
—
0
000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com