Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 25Page - Cirrus Logic CS43130 Datasheet HTML 26Page - Cirrus Logic CS43130 Datasheet HTML 27Page - Cirrus Logic CS43130 Datasheet HTML 28Page - Cirrus Logic CS43130 Datasheet HTML 29Page - Cirrus Logic CS43130 Datasheet HTML 30Page - Cirrus Logic CS43130 Datasheet HTML 31Page - Cirrus Logic CS43130 Datasheet HTML 32Page - Cirrus Logic CS43130 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 137 page
background image
DS1073F1
29
CS43130
4.3 Class H Amplifier Output
Table 4-2 shows the nominal signal and volume level ranges when the output is set to the adapt modes explained in
Section 4.3.1. If the signal level is greater than the maximum value of this range, then clipping can occur.
4.3.1
Power Supply Control Options
This section describes the two types of operation: standard Class AB and adapt-to-output signal. The set of rail voltages
supplied to the amplifier output stages depends on the ADPT_PWR (see p. 112) setting.
4.3.1.1 Standard Class AB Operation (ADPT_PWR = 001 or 010)
If ADPT_PWR is set to 001 or 010, the rail voltages supplied to the amplifiers are held to ±VP_LDO or ±VCP, respectively.
The rail voltages supplied to the output stages are held constant, regardless of the output signal level. The CS43130
amplifiers simply operate in a traditional Class AB configuration.
4.3.1.2 Adapt-to-Output Signal (ADPT_PWR = 111)
If ADPT_PWR is set to 111, the rail voltage sent to the amplifiers is based solely on whether the signal sent to the amplifiers
would cause the amplifiers to clip when operating on the lower set of rail voltages at certain threshold values.
• If it would cause clipping, the control logic instructs the charge pump to provide the next higher set of rail voltages
to the amplifiers.
• If it would not cause clipping, the control logic instructs the charge pump to provide the lower set of rail voltages to
the amplifiers, eliminating the need to advise the CS43130 of volume settings external to the device.
4.3.2
Power-Supply Transitions
Charge-pump transitions from the lower to the higher set of rail voltages occur on the next FLYN/FLYP clock cycle. Despite
the system’s fast response time, the VCP_FILT pin’s capacitive elements prevent rail voltages from changing instantly.
Instead, the rail voltages ramp up from the lower to the higher supply, based on the time constant created by the output
impedance of the charge pump and the capacitor on the VCP_FILT pin (the transition time is approximately 20 µs).
Fig. 4-4 shows Class H supply switching. During this charging transition, a high dv/dt transient on the inputs may briefly
clip the outputs before the rail voltages charge to the full higher supply level. This transitory clipping has been found to be
inaudible in listening tests.
Figure 4-4. VCP_FILT Transitions
Table 4-2. Class H Supply Modes
Mode
Class H Supply Level
Signal 1 or Volume Level Range 2,3,4
1.In adapt-to-signal, the volume level ranges are approximations but are within –0.5 dB from the values shown.
2.Relative to digital full scale with output gain set to 0 dB.
3.In fixed modes, clipping can occur if the signal level exceeds the maximum of this range due to setting the
amplifier’s supply too low.
4.Thresholds shown are nominal for a 16-Ω stereo load.
0
±VP_LDO V, internally regulated from VP
 –11 dB
1
±VCP
< –11 dB
+VCP
Ideal Transition
Actual Transition caused
by VCP_FILT+ Capacitor
Time
+VP_LDO
-VCP
-VP_LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com