Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43130 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 86Page - Cirrus Logic CS43130 Datasheet HTML 87Page - Cirrus Logic CS43130 Datasheet HTML 88Page - Cirrus Logic CS43130 Datasheet HTML 89Page - Cirrus Logic CS43130 Datasheet HTML 90Page - Cirrus Logic CS43130 Datasheet HTML 91Page - Cirrus Logic CS43130 Datasheet HTML 92Page - Cirrus Logic CS43130 Datasheet HTML 93Page - Cirrus Logic CS43130 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 137 page
background image
90
DS1073F1
CS43130
5.11 Headphone Load Measurement
5 Turn off impedance measurement
subsystem
HP Load 1. 0xE0000
0x00
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
0
00
0
00
0
0
Disable impedance measurement subsystem
6 Wait for interrupt. Check if HPLOAD_OFF_INT = 1 in Interrupt Status 4 register (0xF0003).
7 Disable HP Load Interrupts
Interrupt Mask 4. 0xF0013
0xFF
8 Reset HP load measurement frequency
to 0 Hz
HP Load Measurement 1. 0xE0003
0x00
HPLOAD_MEAS_FREQ_LSB
0x00
LSB of load measurement frequency
HP Load Measurement 2. 0xE0004
0x00
HPLOAD_MEAS_FREQ_MSB
0x00
MSB of load measurement frequency
Example 5-23. Sequence for Disabling the Impedance Measurement Subsystem (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com