Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 11 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 11 Page - PULS GmbH

Back Button CP20.241-R2 Datasheet HTML 7Page - PULS GmbH CP20.241-R2 Datasheet HTML 8Page - PULS GmbH CP20.241-R2 Datasheet HTML 9Page - PULS GmbH CP20.241-R2 Datasheet HTML 10Page - PULS GmbH CP20.241-R2 Datasheet HTML 11Page - PULS GmbH CP20.241-R2 Datasheet HTML 12Page - PULS GmbH CP20.241-R2 Datasheet HTML 13Page - PULS GmbH CP20.241-R2 Datasheet HTML 14Page - PULS GmbH CP20.241-R2 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/30
P R E L I M I N A R Y
10. LIFETIME EXPECTANCY
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by
the lifetime expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and
is calculated according to the capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors
only guarantees a maximum life of up to 15 years (131 400h). Any number exceeding this value is a calculated
theoretical lifetime which can be used to compare devices.
AC 100V
AC 120V
AC 230V
Lifetime expectancy
117 000h
136 000h
164 000h
At 10A and 40°C
331 000h
386 000h
465 000h
At 10A and 25°C
40 000h
53 000h
90 000h
At 20A and 40°C
114 000h
150 000h
253 000h
At 20A and 25°C
16 000h
25 000h
47 000h
At 24A and 40°C
44 000h
69 000h
134 000h
At 24A and 25°C
11. MTBF
MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates
reliability of a device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily
represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h
means that statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not
be determined if the failed unit has been running for 50 000h or only for 100h.
For these types of units the MTTF (Mean Time To Failure) value is the same value as the MTBF value.
AC 100V
AC 120V
AC 230V
MTBF SN 29500, IEC 61709
387 000h
412 000h
543 000h
At 20A and 40°C
723 000h
768 000h
976 000h
At 20A and 25°C
MTBF MIL HDBK 217F
164 000h
169 000h
199 000h
At 20A and 40°C;
Ground Benign GB40
224 000h
231 000h
272 000h
At 20A and 25°C;
Ground Benign GB25
34 000h
36 000h
42 000h
At 20A and 40°C;
Ground Fixed GF40
45 000h
47 000h
56 000h
At 20A and 25°C;
Ground Fixed GF25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com