Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 2 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 2 Page - PULS GmbH

  CP20.241-R2 Datasheet HTML 1Page - PULS GmbH CP20.241-R2 Datasheet HTML 2Page - PULS GmbH CP20.241-R2 Datasheet HTML 3Page - PULS GmbH CP20.241-R2 Datasheet HTML 4Page - PULS GmbH CP20.241-R2 Datasheet HTML 5Page - PULS GmbH CP20.241-R2 Datasheet HTML 6Page - PULS GmbH CP20.241-R2 Datasheet HTML 7Page - PULS GmbH CP20.241-R2 Datasheet HTML 8Page - PULS GmbH CP20.241-R2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/30
P R E L I M I N A R Y
INDEX
Page
Page
1.
Intended Use .......................................................4
2.
Installation Requirements...................................4
3.
AC-Input...............................................................5
4.
DC-Input...............................................................6
5.
Input Inrush Current ...........................................6
6.
Output .................................................................7
7.
Hold-up Time.......................................................8
8.
DC-OK Relay Contact ..........................................9
9.
Efficiency and Power Losses..............................10
10. Lifetime Expectancy ..........................................11
11. MTBF ..................................................................11
12. Functional Diagram...........................................12
13. Terminals and Wiring........................................13
14. Replacing Units while the System is Running ..14
15. Front Side and User Elements...........................15
16. EMC....................................................................16
17. Environment ......................................................17
18. Protection Features ...........................................18
19. Safety Features ..................................................18
20. Dielectric Strength ............................................19
21. Approvals .......................................................... 20
22. RoHS, REACH and Other Fulfilled Standards .. 20
23. Physical Dimensions and Weight ..................... 21
24. Accessories ........................................................ 23
24.1. ZM5.WALL – Wall/Panel Mount Bracket .23
25. Application Notes............................................. 24
25.1. Peak Current Capability ...........................24
25.2. Adjusting the Output Voltage .................25
25.3. Charging of Batteries ...............................25
25.4. Back-feeding Loads ..................................25
25.5. External Input Protection.........................26
25.6. Output Circuit Breakers............................26
25.7. Series Operation .......................................27
25.8. Parallel Use to Increase Output Power....27
25.9. Parallel Use for Redundancy ....................28
25.10. Inductive and Capacitive Loads................29
25.11. Operation on Two Phases ........................29
25.12. Use in a Tightly Sealed Enclosure ............29
25.13. Mounting Orientations ............................30
The information given in this document is correct to the best of our knowledge and experience at the time of
publication. If not expressly agreed otherwise, this information does not represent a warranty in the legal sense of the
word. As the state of our knowledge and experience is constantly changing, the information in this data sheet is
subject to revision. We therefore kindly ask you to always use the latest issue of this document.
No part of this document may be reproduced or utilized in any form without our prior permission in writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com