Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 5 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 5 Page - PULS GmbH

  CP20.241-R2 Datasheet HTML 1Page - PULS GmbH CP20.241-R2 Datasheet HTML 2Page - PULS GmbH CP20.241-R2 Datasheet HTML 3Page - PULS GmbH CP20.241-R2 Datasheet HTML 4Page - PULS GmbH CP20.241-R2 Datasheet HTML 5Page - PULS GmbH CP20.241-R2 Datasheet HTML 6Page - PULS GmbH CP20.241-R2 Datasheet HTML 7Page - PULS GmbH CP20.241-R2 Datasheet HTML 8Page - PULS GmbH CP20.241-R2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/30
P R E L I M I N A R Y
3. AC-INPUT
AC input
nom.
AC 100-240V
Suitable for TN-, TT- and IT mains networks
AC input range
min.
85-264Vac
Continuous operation
min.
264-300Vac
< 500ms
Allowed voltage L or N to earth
max.
300Vac
Continuous, IEC 62477-1
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
82Vac
Steady-state value, see Fig. 3-1
Shut-down voltage
typ.
72Vac
Steady-state value, see Fig. 3-1
External input protection
See recommendations in chapter 25.5.
AC 100V
AC 120V
AC 230V
Input current
typ.
5.17A
4.28A
2.25A
At 20A, see Fig. 3-3
Power factor*)
typ.
0.996
0.996
0.980
At 20A, see Fig. 3-4
Crest factor**)
typ.
1.65
1.63
1.63
At 20A
Start-up delay
typ.
450ms
420ms
440ms
See Fig. 3-2
Rise time
typ.
45ms
45ms
45ms
At 20A const. current load, 0mF
load capacitance, see Fig. 3-2
typ.
90ms
90ms
90ms
At 20A const. current load, 20mF
load capacitance,, see Fig. 3-2
Turn-on overshoot
max.
200mV
200mV
200mV
See Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
P
OUT
IN
300Vac
264V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output current
Fig. 3-4 Power factor vs. output current
24A
2468 10 12 14 16 18
0
1
2
3
4
5
6A
Input Current, typ.
Power Factor, typ.
2
4
6
8 10 12141618
24A
20 22
a) 100Vac
b) 120Vac
c) 230Vac
b
a
c
Output Current
0.75
0.8
0.85
0.9
0.95
1.0
a, b
c
a) 100Vac
b) 120Vac
c) 230Vac
Output Current
20 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com