Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 24 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 24 Page - PULS GmbH

Back Button CP20.241-R2 Datasheet HTML 20Page - PULS GmbH CP20.241-R2 Datasheet HTML 21Page - PULS GmbH CP20.241-R2 Datasheet HTML 22Page - PULS GmbH CP20.241-R2 Datasheet HTML 23Page - PULS GmbH CP20.241-R2 Datasheet HTML 24Page - PULS GmbH CP20.241-R2 Datasheet HTML 25Page - PULS GmbH CP20.241-R2 Datasheet HTML 26Page - PULS GmbH CP20.241-R2 Datasheet HTML 27Page - PULS GmbH CP20.241-R2 Datasheet HTML 28Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
24/30
P R E L I M I N A R Y
25. APPLICATION NOTES
25.1. PEAK CURRENT CAPABILITY
The device has a power reserve of 20% included, which may even be used continuously at temperatures up to +45°C.
Additionally, it can deliver about 3 times the nominal output current for 12ms which helps to trip fuses on faulty
output branches or to start peak current demanding loads. Solenoids, contactors and pneumatic modules often have a
steady state coil and a pick-up coil. The inrush current demand of the pick-up coil is several times higher than the
steady-state current and usually exceeds the nominal output current (including the PowerBoost). The same situation
applies when starting a capacitive load.
The following examples show typical voltage dips:
Fig. 25-1 Peak load with 2x the nominal
current for 50ms, typ.
Fig. 25-2 Peak load with 5x the nominal
current for 5ms, typ.
10ms/DIV
Output
Voltage
Output
Current
24V
0A
40A
16V
24V
Output
Voltage
Output
Current
1ms/DIV
0A
100A
16.5V
40A Peak load (resistive) for 50ms
Output voltage dips from 24V to 16V.
100A Peak load (resistive) for 5ms
Output voltage dips from 24V to 16.5V.
Fig. 25-3 60A Peak load for 12ms, typ.
24V
0A
12ms
60A
20V
Output Voltage
Output Current
Please note: The DC-OK relay triggers when the voltage
dips more than 10% for longer than 1ms.
Peak current voltage dips
typ.
from 24V to 16V
At 40A for 50ms, resistive load
typ.
from 24V to 21V
At 100A for 2ms, resistive load
typ.
from 24V to 16.5V
At 100A for 5ms, resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com