Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 20 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 20 Page - PULS GmbH

Back Button CP20.241-R2 Datasheet HTML 16Page - PULS GmbH CP20.241-R2 Datasheet HTML 17Page - PULS GmbH CP20.241-R2 Datasheet HTML 18Page - PULS GmbH CP20.241-R2 Datasheet HTML 19Page - PULS GmbH CP20.241-R2 Datasheet HTML 20Page - PULS GmbH CP20.241-R2 Datasheet HTML 21Page - PULS GmbH CP20.241-R2 Datasheet HTML 22Page - PULS GmbH CP20.241-R2 Datasheet HTML 23Page - PULS GmbH CP20.241-R2 Datasheet HTML 24Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
20/30
P R E L I M I N A R Y
21. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive (available),
- Low-voltage directive (available) and the
- ATEX directive (planned)
IEC 60950-1
2nd Edition
planned
CB Scheme,
Information Technology Equipment
UL 508
planned
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 60950-1
2nd Edition
planned
Recognized for use as Information Technology Equipment,
Level 5; U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950-1);
E-File: E137006
Applicable for altitudes up to 2000m.
ANSI / ISA 12.12.01-2007
Class I Div 2
planned
Recognized for use in Hazardous Location Class I Div 2 T4
Groups A,B,C,D systems; U.S.A. (ANSI / ISA 12.12.01-2007) and
Canada (C22.2 No. 213-M1987)
EN 60079-0, EN 60079-7
ATEX
planned
II 3G Ex ec nC II T4 Gc
Approval for use in hazardous locations Zone 2 Category 3G.
Number of ATEX certificate: will follow after certification
process.
The power supply must be built-in in an IP54 enclosure.
IEC 60079-0, IEC 60079-7
planned
IECEx
Suitable for use in Class 1 Zone 2 Groups IIa, IIb and IIc
locations.
Number of IECEx certificate: will follow after certification
process.
Marine
planned
GL (Germanischer Lloyd) classified
Environmental category: C, EMC2
Marine and offshore applications
EAC TR Registration
(except CP20.241-R3)
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
22. ROHS, REACH AND OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
IEC/EN 61558-2-16
(Annex BB)
Safety Isolating
Transformer
Safety Isolating Transformers corresponding to Part 2-6 of the
IEC/EN 61558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com