Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 3 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 3 Page - PULS GmbH

  CP20.241-R2 Datasheet HTML 1Page - PULS GmbH CP20.241-R2 Datasheet HTML 2Page - PULS GmbH CP20.241-R2 Datasheet HTML 3Page - PULS GmbH CP20.241-R2 Datasheet HTML 4Page - PULS GmbH CP20.241-R2 Datasheet HTML 5Page - PULS GmbH CP20.241-R2 Datasheet HTML 6Page - PULS GmbH CP20.241-R2 Datasheet HTML 7Page - PULS GmbH CP20.241-R2 Datasheet HTML 8Page - PULS GmbH CP20.241-R2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/30
P R E L I M I N A R Y
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.B.D.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 230V parameters are valid at 50Hz mains frequency.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
1+1 Redundancy
Use of two identical power supplies in parallel to provide continued operation following most
failures in a single power supply. The two power supply outputs should be isolated from each
other by utilizing diodes or other switching arrangements. E.g. two 10A power supplies are
needed to achieve a 10A
redundant system.
N+1 Redundancy
Use of three or more identical
power supplies in parallel to
provide continued operation
following most failures in a
single power supply. All power
supply outputs should be
isolated from each other by
utilizing diodes or other
switching arrangements.
E.g.: To achieve a 40A redundant system, five 10A power supplies are needed in a N+1
redundant system.
N+1
Redundancy
1+1
Redundancy
AC
DC
CP20-Rx
Load
-
AC
DC
CP20-Rx
AC
DC
CP20-Rx
AC
DC
CP20-Rx
AC
DC
CP20-Rx
AC
DC
AC
DC
AC
DC
CP20-Rx
CP20-Rx
CP20-Rx
Load
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com