Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R2 Datasheet(PDF) 17 Page - PULS GmbH

Part # CP20.241-R2
Description  24V, 20A, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R2 Datasheet(HTML) 17 Page - PULS GmbH

Back Button CP20.241-R2 Datasheet HTML 13Page - PULS GmbH CP20.241-R2 Datasheet HTML 14Page - PULS GmbH CP20.241-R2 Datasheet HTML 15Page - PULS GmbH CP20.241-R2 Datasheet HTML 16Page - PULS GmbH CP20.241-R2 Datasheet HTML 17Page - PULS GmbH CP20.241-R2 Datasheet HTML 18Page - PULS GmbH CP20.241-R2 Datasheet HTML 19Page - PULS GmbH CP20.241-R2 Datasheet HTML 20Page - PULS GmbH CP20.241-R2 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
CP20.241-R1, CP20.241-R2,
CP20.241-R3
CP-Series
24V, 20A, SINGLE PHASE INPUT
June 2017 / Rev. 0.1 DS-CP20.241-R2-EN
All parameters are typical values specified at 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/30
P R E L I M I N A R Y
Switching Frequencies
The power supply has three converters included. Two converters have a fixed switching
frequency and one operates with a variable switching frequency.
Switching frequency 1
110kHz
PFC converter
Switching frequency 2
110kHz to 140kHz
Main converter, output power dependent
Switching frequency 3
60kHz
Auxiliary converter
17. ENVIRONMENT
Operational temperature1)
-40°C to +70°C (-40°F to 158°F)
See also Fig. 17-1
Storage temperature
-40°C to +85°C (-40°F to 185°F)
For storage and transportation
Output de-rating
6.4W/°C
12W/°C
+45°C to +60°C (113°F to 140°F), see Fig. 17-1
+60°C to +70°C (140°F to 158°F), see Fig. 17-1
The de-rating is not hardware controlled. The customer has to take care by himself to
stay below the de-rated current limits in order not to overload the unit.
Humidity2)
5 to 95% r.h.
IEC 60068-2-30
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g3)
2 hours / axis3)
IEC 60068-2-6
Shock
30g 6ms, 20g 11ms3)
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 2000m (0 to 6 560ft)
Without any restrictions
2000 to 6000m (6 560 to 20 000ft)
Reduce output current or ambient temperature,
see Fig. 17-2
IEC 62477-1, overvoltage category II
Altitude de-rating
30W/1000m or 5°C/1000m
Above 2000m (6500ft), see Fig. 17-2
Over-voltage category
III
IEC 62477-1, altitudes up to 2000m
II
For altitudes from 2000m to 6000m
Degree of pollution
2
IEC 62477-1, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
Corrosive gases
ISA-71.04-1985, Severity Level G3, IEC 60068-2-60 Test Ke Method 4
Audible noise
Some audible noise may be emitted from the power supply during no load, overload or
short circuit.
1) Operational temperature is the same as the ambient or surrounding temperature and is defined as the air temperature 2cm below the unit.
2) Do not energize while condensation is present
3) Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard orientation.
Fig. 17-1 Output current vs. ambient temp.
Fig. 17-2 Output current vs. altitude
Allowed Output Current
0
-40
020
40
70°C
4A
8A
12A
16A
20A
24A
60
B
A
A... continuous
B... short term (max. 5s)
0
0
2000m
4000m
6000m
4A
8A
12A
16A
20A
24A
Allowable Output Current
Ambient Temperature
Altitude
B
C
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
D... Short term
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com