Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 69 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 65Page - Texas Instruments TNETX3150 Datasheet HTML 66Page - Texas Instruments TNETX3150 Datasheet HTML 67Page - Texas Instruments TNETX3150 Datasheet HTML 68Page - Texas Instruments TNETX3150 Datasheet HTML 69Page - Texas Instruments TNETX3150 Datasheet HTML 70Page - Texas Instruments TNETX3150 Datasheet HTML 71Page - Texas Instruments TNETX3150 Datasheet HTML 72Page - Texas Instruments TNETX3150 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
69
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Note 7 and Figure 21)
DIO read cycle
NO.
MIN
MAX
UNIT
1
tw(ESCSL)
Pulse duration, ESCS low
40
ns
2
tsu(SRNW)
Setup time, SRNW high before ESCS
↓
3
ns
3
tsu(SAD)
Setup time, SAD1–SAD0 valid before ESCS
↓
3
ns
NOTE 7: The DIO interface is a byte-wide, asynchronous interface that is designed for use with a wide variety of CPUs. The interface can be
run at any speed; there is no minimum speed requirement. DIO cycle lengths can vary, depending on the type of register accessed.
The TNETX15AE withholds the SRDY acknowledge signal on registers until it has gathered the necessary data.
operating characteristics over recommended operating conditions (see Note 7 and Figure 22)
DIO read cycle
NO.
PARAMETER
MIN
MAX
UNIT
4†
tw(SRDYH)
Pulse duration, SRDY high
25
ns
5
td(SRNW)
Delay time, from SRDY
↓ to SRNW↓
0
ns
6
td(SAD)
Delay time, from SRDY
↓ to SAD1–SAD0 invalid
0
ns
7
td(SDATA)1
Delay time, from SRDY
↓ to SDATA7–SDATA0 valid
5
ns
8
td(ESCS)
Delay time, from SRDY
↓ to ESCS↑
0
ns
9
td(SDATA)2
Delay time, from ESCS
↑ to SDATA7–SDATA0 high-impedance Z
17
ns
10†
td(SRDY)1
Delay time, from ESCS
↓ to SRDY↓
40
‡
ns
11†
td(SRDY)2
Delay time, from ESCS
↑ to SRDY↑
0
25
ns
† These parameters are specified by design, but not tested.
‡ Max = min + N (internal cycles), where N equals the number of internal cycles required to arbitrate internally to obtain the value being requested.
N is equal to a minimum of 1, and can be large during RAM INIT and FINDNEXT operation, since DIO operations will not complete during these
operations ( no SRDY true), and both of these operations can read every SRAM location to finish.
NOTE 7: The DIO interface is a byte-wide, asynchronous interface that is designed for use with a wide variety of CPUs. The interface can be
run at any speed; there is no minimum speed requirement. DIO cycle lengths can vary, depending on the type of register accessed.
The TNETX15AE withholds the SRDY acknowledge signal on DIO accesses until it has gathered the necessary data.
Data
ESCS
(Input)
SRNW
(Input)
SDATA7–SDATA0
(Output)
SRDY
(Output)
1
Z
Z
Host Address
4
10
11
SAD1–SAD0
(Input)
9
8
3
5
6
7
2
Z
Z
Figure 22. DIO Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com