Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 30 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 26Page - Texas Instruments TNETX3150 Datasheet HTML 27Page - Texas Instruments TNETX3150 Datasheet HTML 28Page - Texas Instruments TNETX3150 Datasheet HTML 29Page - Texas Instruments TNETX3150 Datasheet HTML 30Page - Texas Instruments TNETX3150 Datasheet HTML 31Page - Texas Instruments TNETX3150 Datasheet HTML 32Page - Texas Instruments TNETX3150 Datasheet HTML 33Page - Texas Instruments TNETX3150 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
new-address port register, newport at 0x36–0x37 (DIO)
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VALID
Reserved
PORTCODE
Reserved
OLDPORT
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
VALID
Valid address indication.
14–12
Reserved
Writes to this location are ignored and read as 0.
11–8
PORTCODE
Current port for node. The PORTCODE field holds the assigned port number for the address contained in the
newnode register.
7–4
Reserved
Writes to this location are ignored and read as 0.
3–0
OLDPORT
Old port for address. When an address moves port locations, OLDPORT contains the old port location for the
address. When a security-violation interrupt is asserted by the TNETX15AE, the SECVIO bit is set in the int register,
and OLDPORT shows the port where the node attempted to move.
agednode interrupt interface group at 0x40–0x46 (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Agednode23–Agednode16
Agednode31–Agednode24
Agednode39–Agednode32
Agednode47–Agednode40
0x40
Agedport
Agednode7–Agednode0
Agednode15–Agednode8
0x44
The agednode interrupt interface is used with the int and intmask registers to pass information to the
management agent about addresses that have been deleted from the lookup table due to the internal aging
process. The information placed in these registers (written in Ethernet native data format) is valid only when
the AGE bit in the int register is set to a 1. These registers are read only and default to 0 after reset.
To prevent the data in these registers from being changed if another interrupt occurs while reading the current
data, the data in these registers is locked until the agedport register is read.
aged-address register, agednode at 0x40–0x45 (DIO)
On an age interrupt, the agednode registers contain the address of the node that has been aged out from the
lookup table. This is a read-only register and defaults to 0x00.00.00.00.00.00 after reset. A different interrupt
is issued if this information remains unread long enough that another node is aged out before the agednode
registers are released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com