Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 27 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 23Page - Texas Instruments TNETX3150 Datasheet HTML 24Page - Texas Instruments TNETX3150 Datasheet HTML 25Page - Texas Instruments TNETX3150 Datasheet HTML 26Page - Texas Instruments TNETX3150 Datasheet HTML 27Page - Texas Instruments TNETX3150 Datasheet HTML 28Page - Texas Instruments TNETX3150 Datasheet HTML 29Page - Texas Instruments TNETX3150 Datasheet HTML 30Page - Texas Instruments TNETX3150 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt register, int at 0x28–0x29 (DIO)
The int register is used with the intmask register to provide interrupts to the attached CPU. When the
TNETX15AE EINT terminal is 1, this register gives the reason for the interrupt. Specific interrupts can be
masked out by setting the appropriate bit in the intmask register. This register is read only, with the exception
of the int bit. All bits in a byte are automatically cleared when the byte is read, even if more then one was set.
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NEW
NEWM
CHNG
CHNGM
SECVIO
SECVIOM
AGE
AGEM
INT
Reserved
STAT
FULL
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NEW
New-node interrupt. NEW indicates that a new node has been added to the lookup table. The node address is given
in the newnode register and the node’s port is given in the newport register.
14
NEWM
Missed-new-node interrupt indication. NEWM indicates that a new node interrupt was given, but the information
previously placed in the newnode registers has not been read by the host CPU.
13
CHNG
Node-port change interrupt. CHNG indicates that there has been a change in port assignment for a node that exists in
the lookup table. The node address is given in the newnode register and the node’s new port is given in the newport
register.
12
CHNGM
Missed-node-port change interrupt indication. CHNGM indicates that a node-port change interrupt was issued, but the
information previously placed in the newnode registers has not been read by the host CPU.
11
SECVIO
Security-violation interrupt. SECVIO indicates that a node (which has been secured) has attempted to move port
assignments. The node address is given in the newnode registers. The location where the node attempted to move is
contained in the newport register.
10
SECVIOM
Missed-security-violation interrupt indication. SECVIOM indicates that a node-port change interrupt was issued, but the
information previously placed in the newnode registers has not been read by the host CPU.
9
AGE
Age-out interrupt. AGE indicates that a node has been aged-out (deleted from the lookup table). The node address is
issued in the agednode register. The node’s assigned port is given in the agedport register.
8
AGEM
Missed-age-out interrupt indication. AGEM indicates that an age-out interrupt was issued, but the information previously
placed in the agednode registers has not been read by the host CPU.
7
INT
Test interrupt request. Asserting INT gives a test interrupt to the attached CPU.
6–2
Reserved
Writes to this location are ignored and read as 0.
1
STAT
Statistics overflow interrupt. STAT indicates that a counter in the statistics is one-half full (most-significant bit in the
counter is a 1). This is an indication to the CPU to read the statistic counters (thereby clearing them).
0
FULL
SRAM full interrupt. FULL indicates that a condition existed (or exists) that will prevent the addition of another address
to the TNETX15AE address-lookup table. During the next ADD, space for either a pointer table (32 word) or a station
descriptor (four bytes) will not be available.
If NAUTO (bit 10, control 0x9) is set, the host is responsible for adding addresses. The host-initiated ADD operation did
not complete, and the FULL interrupt was asserted. The host must delete addresses until the ADD completes.
If NAUTO is not set, the internal state machines have deleted the necessary oldest addresses until the ADD operation
completes, even if the ADD was initiated by the host. In this case, the interrupt indicates that the table is operating near
peak capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com