Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 16Page - Texas Instruments TNETX3150 Datasheet HTML 17Page - Texas Instruments TNETX3150 Datasheet HTML 18Page - Texas Instruments TNETX3150 Datasheet HTML 19Page - Texas Instruments TNETX3150 Datasheet HTML 20Page - Texas Instruments TNETX3150 Datasheet HTML 21Page - Texas Instruments TNETX3150 Datasheet HTML 22Page - Texas Instruments TNETX3150 Datasheet HTML 23Page - Texas Instruments TNETX3150 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mode control status register, control at 0x08–0x09 (DIO) (continued)
BIT
NAME
FUNCTION
15
RESET
Reset. Writing a 1 to RESET places the TNETX15AE in a hardware reset state. This function sets all internal logic
operations to a known state, and clears all registers (except for control). (All data from the lookup table is lost.) This bit
is not automatically loaded from the EEPROM. If EEPROM automatic loading fails, then the RESET bit is set to 1.
14
LOAD
Load system. Writing a 1 to LOAD starts the automatic loading of registers from the attached EEPROM. This bit is not
automatically loaded from the EEPROM. The EEPROM automatic loader clears this bit to 0 (writing a 0 to this bit has
no effect). This is another way to initialize registers besides the auto-load (if EEPROM present) after reset.
13
START
Start system. Writing a 1 to START causes the TNETX15AE to begin operation. While the SRAM tables are initialized,
no address checking is performed. (Writing a 0 to this bit has no effect.)
12
INITD
RAM-initialization-done signal. INITD becomes high when the lookup table SRAM is initialized. The TNETX15AE begins
learning/matching addresses after this signal goes high. This is a read-only bit. Expect this to take 40 ns
× RAMsize.
11
NEEPM
No external EEPROM. NEEPM indicates when an internal EEPROM is detected. If this bit is 1, no EEPROM is present
or the TNETX15AE is unable to detect it, or the CRC is wrong. If this bit is set to 0, a properly formatted EEPROM was
detected. This is a read-only bit.
10
NAUTO
Not automatically add-address mode select. NAUTO selects the manner in which addresses are added to the lookup
table. In NAUTO mode, the aging logic operation is disabled. It is management’s responsibility to manage the lookup
table in this mode.
– When set to 1, the TNETX15AE adds addresses only to the lookup table when a DIO ADD command is given
to it. The bus watcher/LKUP state machines are still watching source addresses, and the NEW int is issued if a
new address is observed on the wire.
– When set to 0, the TNETX15AE automatically adds unknown addresses to its lookup table.
9–7
Reserved
Cleared to 0 on reset. Must always be written with a 0, even via EEPROM load.
6
NLRN0
Not-learn addresses from port 0. When set, the TNETX15AE does not learn SRC addresses on port 0 (uplink).
5
NCRC
No CRC check. NCRC enables/disables the add-on-only-good CRC function.
– When set to a 1, the TNETX15AE adds frames immediately after the source address is found on the DRAM bus.
A good CRC is not required to add the source address to the table.
– When set to a 0, the TNETX15AE waits until the EOB/EOF and a good CRC indication before adding addresses.
Only one source address add can be pending at a time. Waiting on a good CRC can force the TNETX15AE to miss
adds on other ports.
4–0
Reserved
Writes to these locations are ignored and read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com