Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 7Page - Texas Instruments TNETX3150 Datasheet HTML 8Page - Texas Instruments TNETX3150 Datasheet HTML 9Page - Texas Instruments TNETX3150 Datasheet HTML 10Page - Texas Instruments TNETX3150 Datasheet HTML 11Page - Texas Instruments TNETX3150 Datasheet HTML 12Page - Texas Instruments TNETX3150 Datasheet HTML 13Page - Texas Instruments TNETX3150 Datasheet HTML 14Page - Texas Instruments TNETX3150 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register description
general notation notes
Hexadecimal notation: Leading zero, followed by lower-case x, then hex digits, with space or punctuation
delimiters on both ends. A ...F are equivalent to a ...f (example: 0x12bc, 0x12BC0
Binary notation:
Trailing lower-case b after string composed of only 1 or 0, with space or punctuation
delimiters on both ends (example: 101011b).
Decimal notation:
A number composed of 0 ...9 digits with no prefix or suffix, with a space or
punctuation delimiters on both ends (example: 23965)
The least-significant bit in a register is the lowest number.
The least-significant byte of a multibyte value is the lowest number.
node address format (Ethernet native data format)
The node addresses are kept inside the TNETX15AE in Ethernet native data format. This is the same format
used when the address appears in the frame transmitted on the wire. Ethernet first transmits the least-significant
bit of a data byte on the wire. This makes the group/specific address appear in bit 40 (least-significant bit of
most-significant byte). The TNETX15AE address storage format is shown in the following:
BIT
BYTE (most-significant byte)
BYTE
BYTE
BYTE
BYTE
BYTE
47
42
41
40
39
32
31
24
23
16
15
8
7
0
Local/Universal
Address
Group/Specific
Address
DIO register access
There are only four byte-wide DIO registers that are hardware interfaced to the DIO interface. These registers
are treated like a pointer structure to locate internal registers, some of which are interfaced to external terminals
of the device (see Figure 2). The small number of registers actually on the DIO interface give the TNETX15AE
a small I/O map requirement when designing systems; also, it allows additional registers to be defined without
requiring the hardware interface to change.
SAD0–SAD1
SRNW
ESCS
SRDY
Auto-Increment
Register
Internal
Registers
Internal RAM
MII Interface
EEPROM Interface
TNETX15AE
Access Register
SRAM Interface
Address-High
Register
Address-Low
Register
Data Register
2
Figure 2. DIO Access (Pointer) Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com