Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 20Page - Texas Instruments TNETX3150 Datasheet HTML 21Page - Texas Instruments TNETX3150 Datasheet HTML 22Page - Texas Instruments TNETX3150 Datasheet HTML 23Page - Texas Instruments TNETX3150 Datasheet HTML 24Page - Texas Instruments TNETX3150 Datasheet HTML 25Page - Texas Instruments TNETX3150 Datasheet HTML 26Page - Texas Instruments TNETX3150 Datasheet HTML 27Page - Texas Instruments TNETX3150 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
node age-stamp register, findnodeage at 0x14–0x15 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NODEAGE
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The findnodeage register is a read-only register, which holds the current 16-bit age-time stamp of the address
contained in the findnode register after a find command executes. Age units are seconds. The time stamp
indicates when this address was last seen.
lookup table search control register, findcontrol at 0x16 (DIO)
The management logic uses the findcontrol register to scan the lookup table for addresses. Three commands
are available: findfirst (FIRST), findnext (NEXT), find (LKUP). Only one command is valid at one time. Example:
a findfirst and a findnext command cannot be issued at the same time (0x06). The TNETX15AE ignores all
multiple commands. This register is readable/writeable. Further accesses of this register are delayed until the
operation is complete; that is, SRDY does not go active until the FIND state machine is done. This can produce
a 6.4-
µs read or write cycle if this register is accessed right after a FINDNEXT is started on a sparsely loaded
table.
BIT
7
6
5
4
3
2
1
0
FOUND
Reserved
FIRST
NEXT
LKUP
Initial values after reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
FOUND
Address found. If the address contained in the findnode register is found in the table, FOUND is asserted. The data
contained in the find interface (findnode, findport, and findnodeage) is valid only when this bit is a 1. This is a read-only
bit.
6–3
Reserved
Reserved
2
FIRST
Lookup first address. When FIRST is 1, the TNETX15AE scans the address table for the first valid address. If FOUND
is set, the address parts are placed in findnode, findport, and findnodeage.
1
NEXT
Lookup next addresses. When asserted, the TNETX15AE scans the address table for the next available address after
the address currently in the findnode registers (0xC–0x11). If FOUND is set, the address parts are placed in findnode,
findport, and findnodeage.
0
LKUP
Address lookup. When asserted, the TNETX15AE scans the address table for the address contained in the findnode
register. If found, the FOUND bit reads a 1 and findport and findnodeage are valid; if not found, it reads a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com