Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150 Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETX3150
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 5Page - Texas Instruments TNETX3150 Datasheet HTML 6Page - Texas Instruments TNETX3150 Datasheet HTML 7Page - Texas Instruments TNETX3150 Datasheet HTML 8Page - Texas Instruments TNETX3150 Datasheet HTML 9Page - Texas Instruments TNETX3150 Datasheet HTML 10Page - Texas Instruments TNETX3150 Datasheet HTML 11Page - Texas Instruments TNETX3150 Datasheet HTML 12Page - Texas Instruments TNETX3150 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
DIO interface-statistics
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EINT
112
0
TNETX15AE interrupt. EINT is an interrupt request from the TNETX15AE to an optional attached
microprocessor. Its purpose is to reduce the polling that is required for the processor to be current on the
operational states of the TNETX15AE. The interrupt cause is determined by reading the interrupt register
(0x28, 0x29). It is not required to acknowledge or act on the interrupts (unmanaged operation). EINT is
active high and level sensitive; it is high when any of the interrupt triggers are active.
ESCS
86
I
TNETX15AE chip select. When ESCS is active (low), a port access is valid for the TNETX15AE device.
ESCS must not be tied to any other chip-select signal (such as the TNETX3150/TNETX3150A SCS or the
TNETX3100 SCS).
SAD1
SAD0
85
84
I
DIO address bus. SAD1–SAD0 selects the TNETX15AE host registers.
SAD1 SAD0
Description
0
0
DIO address low
0
1
DIO address high
1
0
DIO data
1
1
DIO data auto increment
SDATA7†
SDATA6
SDATA5
SDATA4
SDATA3
SDATA2
SDATA1
SDATA0‡
81
80
79
78
76
75
74
73
I/O
DIO data bus. SDATA7–SDATA0 is a byte-wide bidirectional DIO bus.
SRDY
88
O
DIO ready. When SRDY is active low, the following conditions occur:
– When SRNW = 1, the interface host is told that data is valid for reading by the host.
– When SRNW = 0, the interface host is told that data has been received by the TNETX15AE.
When ESCS is inactive high, SRDY is disabled [high-impedance (Z) state].
SRNW
83
I
DIO read/not write. SRNW is a read- or write-select signal.
– When SRNW is high, the read operation is performed by the host.
– When SRNW is low, the write operation is performed by the host.
† Most-significant bit
‡ Least-significant bit
DIO interface-MII
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
MDCLK
113
O
MII management data clock. MDCLK is a clock from the TNETX15AE for the serial MII management data MDIO.
MDCLK can be disabled [high-impedance (Z) state] by MDIOEN [a bit in the SIO register at 0x0A (DIO)].
MDIO
109
I/O
MII management data input/output. MDIO is the data terminal for serial MII management data. MDIO requires
an external pullup resistor for proper operation. MDIO can be disabled [high-impedance (Z) state] by MDIOEN
[a bit in the SIO register at 0x0A (DIO)].
MRESET
114
O
MII management reset. MRESET is a reset signal for the serial MII management interface. MRESET can be
disabled [high-impedance (Z) state] by MDIOEN [a bit in the SIO register at 0x0A (DIO)].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com