Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 9 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 9 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 5Page - Intel Corporation 80960JF Datasheet HTML 6Page - Intel Corporation 80960JF Datasheet HTML 7Page - Intel Corporation 80960JF Datasheet HTML 8Page - Intel Corporation 80960JF Datasheet HTML 9Page - Intel Corporation 80960JF Datasheet HTML 10Page - Intel Corporation 80960JF Datasheet HTML 11Page - Intel Corporation 80960JF Datasheet HTML 12Page - Intel Corporation 80960JF Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
Advance Information Datasheet
9
80960JA/JF/JD/JT 3.3 V Microprocessor
2.1
80960 Processor Core
The 80960Jx family is a scalar implementation of the 80960 Core Architecture. Intel designed this
processor core as a very high performance device that is also cost-effective. Factors that contribute
to the core’s performance include:
• Core operates at the bus speed with the 80960JA/JF
• Core operates at two or three times the bus speed with the 80960JD and 80960JT respectively
• Single-clock execution of most instructions
• Independent Multiply/Divide Unit
• Efficient instruction pipeline minimizes pipeline break latency
• Register and resource scoreboarding allow overlapped instruction execution
• 128-bit register bus speeds local register caching
• Two-way set associative, integrated instruction cache
• Direct-mapped, integrated data cache
• 1 Kbyte integrated data RAM delivers zero wait state program data
Figure 2.
80960Jx Block Diagram
Programmable
Interrupt Controller
Control
Address/
Instruction Sequencer
Physical Region
Configuration
Interrupt
Port
1K Data RAM
Memory
Interface
Execution
Multiply
Unit
Divide
Unit
Memory-Mapped
Register Interface
Data Bus
Global / Local
Register File
SRC2 DEST
SRC1
address
Control
effective
Constants
Generation
Unit
Address
32-bit Address
32-bit Data
Bus Request
Queues
and
Two 32-Bit
Timers
8-Set
Local Register Cache
PLL, Clocks,
Power Mgmt
Boundary Scan
Controller
TAP
5
CLKIN
9
32
32-bit buses
address / data
21
Instruction Cache
80960JA - 2K
80960JF/JD - 4K
80960JT - 16K
Two-Way Set Associative
Direct Mapped
Data Cache
80960JA - 1K
80960JF/JD - 2K
80960JT - 4K
128
3 Independent 32-Bit SRC1, SRC2, and DEST Buses
Bus
Control Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com