Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 16 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 16 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 12Page - Intel Corporation 80960JF Datasheet HTML 13Page - Intel Corporation 80960JF Datasheet HTML 14Page - Intel Corporation 80960JF Datasheet HTML 15Page - Intel Corporation 80960JF Datasheet HTML 16Page - Intel Corporation 80960JF Datasheet HTML 17Page - Intel Corporation 80960JF Datasheet HTML 18Page - Intel Corporation 80960JF Datasheet HTML 19Page - Intel Corporation 80960JF Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
16
Advance Information Datasheet
3.1
Pin Descriptions
This section describes the pins for the 80960Jx in the 132-pin ceramic Pin Grid Array (PGA)
package, 132-lead Plastic Quad Flatpack Package (PQFP) and 196-ball Mini Plastic Ball Grid
Array (MPBGA).
Section 3.1.1, “Functional Pin Definitions”, describes pin function; Section 3.1.2, “80960Jx
132-Lead PGA Pinout”, Section 3.1.3, “80960Jx 132-Lead PQFP Pinout” and Section 3.1.4,
“80960Jx 196-Ball MPBGA Pinout”, define the signal and pin locations for the supported package
types.
3.1.1
Functional Pin Definitions
Table 2 presents the legend for interpreting the pin descriptions which follow. Pins associated with
the bus interface are described in Table 3. Pins associated with basic control and test functions are
described in Table 4. Pins associated with the Interrupt Unit are described in Table 5.
Table 2.
Pin Description Nomenclature
Symbol
Description
I
Input pin only.
O
Output pin only.
I/O
Pin can be either an input or output.
–
Pin must be connected as described.
S
Synchronous. Inputs must meet setup and hold times relative to CLKIN for proper operation.
S(E) Edge sensitive input
S(L) Level sensitive input
A (...)
Asynchronous. Inputs may be asynchronous relative to CLKIN.
A(E) Edge sensitive input
A(L) Level sensitive input
R (...)
While the processor’s RESET pin is asserted, the pin:
R(1) is driven to VCC
R(0) is driven to VSS
R(Q) is a valid output
R(X) is driven to unknown state
R(H) is pulled up to VCC
H (...)
While the processor is in the hold state, the pin:
H(1) is driven to VCC
H(0) is driven to VSS
H(Q) Maintains previous state or continues to be a valid output
H(Z) Floats
P (...)
While the processor is halted, the pin:
P(1) is driven to VCC
P(0) is driven to VSS
P(Q) Maintains previous state or continues to be a valid output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com