Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 19 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 19 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 15Page - Intel Corporation 80960JF Datasheet HTML 16Page - Intel Corporation 80960JF Datasheet HTML 17Page - Intel Corporation 80960JF Datasheet HTML 18Page - Intel Corporation 80960JF Datasheet HTML 19Page - Intel Corporation 80960JF Datasheet HTML 20Page - Intel Corporation 80960JF Datasheet HTML 21Page - Intel Corporation 80960JF Datasheet HTML 22Page - Intel Corporation 80960JF Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
Advance Information Datasheet
19
80960JA/JF/JD/JT 3.3 V Microprocessor
BLAST
O
R(1)
H(Z)
P(1)
BURST LAST indicates the last transfer in a bus access. BLAST is asserted in the
last data transfer of burst and non-burst accesses. BLAST remains active as long as
wait states are inserted via the RDYRCV pin. BLAST becomes inactive after the final
data transfer in a bus cycle.
0 = last data transfer
1 = not last data transfer
RDYRCV
I
S(L)
READY/RECOVER indicates that data on AD lines can be sampled or removed. If
RDYRCV is not asserted during a Td cycle, the Td cycle is extended to the next cycle
by inserting a wait state (Tw).
0 = sample data
1 = don’t sample data
The RDYRCV pin has another function during the recovery (Tr) state. The processor
continues to insert additional recovery states until it samples the pin HIGH. This
function gives slow external devices more time to float their buffers before the
processor begins to drive address again.
0 = insert wait states
1 = recovery complete
LOCK/
ONCE
I/O
S(L)
R(H)
H(Z)
P(1)
BUS LOCK indicates that an atomic read-modify-write operation is in progress. The
LOCK output is asserted in the first clock of an atomic operation and deasserted in
the last data transfer of the sequence. The processor does not grant HOLDA while it
is asserting LOCK. This prevents external agents from accessing memory involved
in semaphore operations.
0 = Atomic read-modify-write in progress
1 = Atomic read-modify-write not in progress
ONCE MODE: The processor samples the ONCE input during reset. If it is asserted
LOW at the end of reset, the processor enters ONCE mode. In ONCE mode, the
processor stops all clocks and floats all output pins. The pin has a weak internal
pullup which is active during reset to ensure normal operation when the pin is left
unconnected.
0 = ONCE mode enabled
1 = ONCE mode not enabled
HOLD
I
S(L)
HOLD: A request from an external bus master to acquire the bus. When the
processor receives HOLD and grants bus control to another master, it asserts
HOLDA, floats the address/data and control lines and enters the Th state. When
HOLD is deasserted, the processor deasserts HOLDA and enters either the Ti or Ta
state, resuming control of the address/data and control lines.
0 = no hold request
1 = hold request
HOLDA
O
R(Q)
H(1)
P(Q)
HOLD ACKNOWLEDGE indicates to an external bus master that the processor has
relinquished control of the bus. The processor can grant HOLD requests and enter
the Th state during reset and while halted as well as during regular operation.
0 = hold not acknowledged
1 = hold acknowledged
BSTAT
O
R(0)
H(Q)
P(0)
BUS STATUS indicates that the processor may soon stall unless it has sufficient
access to the bus; see
i960® Jx Microprocessor Developer’s Manual (272483).
Arbitration logic can examine this signal to determine when an external bus master
should acquire/relinquish the bus.
0 = no potential stall
1 = potential stall
Table 3.
Pin Description — External Bus Signals (Sheet 3 of 3)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com