Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 7 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 3Page - Intel Corporation 80960JF Datasheet HTML 4Page - Intel Corporation 80960JF Datasheet HTML 5Page - Intel Corporation 80960JF Datasheet HTML 6Page - Intel Corporation 80960JF Datasheet HTML 7Page - Intel Corporation 80960JF Datasheet HTML 8Page - Intel Corporation 80960JF Datasheet HTML 9Page - Intel Corporation 80960JF Datasheet HTML 10Page - Intel Corporation 80960JF Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
Advance Information Datasheet
7
80960JA/JF/JD/JT 3.3 V Microprocessor
1.0
Introduction
This document contains information for the 80960Jx microprocessor, including electrical
characteristics and package pinout information. Detailed functional descriptions — other than
parametric performance — are published in the i960® Jx Microprocessor Developer’s Manual
(272483).
Throughout this data sheet, references to “80960Jx” indicate features that apply to all of the
following:
• 80960JA — 3.3 V (5 V Tolerant), 2 Kbyte instruction cache, 1 Kbyte data cache
• 80960JF — 3.3 V (5 V Tolerant), 4 Kbyte instruction cache, 2 Kbyte data cache
• 80960JD — 3.3 V (5 V Tolerant), 4 Kbyte instruction cache, 2 Kbyte data cache and clock
doubling
• 80960JT — 3.3 V (5 V Tolerant), 16 Kbyte instruction cache, 4 Kbyte data cache and clock
tripling
2.0
80960Jx Overview
The 80960Jx offers high performance to cost-sensitive 32-bit embedded applications. The 80960Jx
is object code compatible with the 80960 Core Architecture and is capable of sustained execution
at the rate of one instruction per clock. This processor’s features include generous instruction
cache, data cache and data RAM. It also boasts a fast interrupt mechanism and dual-programmable
timer units.
The 80960Jx’s clock multiplication operates the processor core at two or three times the bus clock
rate to improve execution performance without increasing the complexity of board designs.
Memory subsystems for cost-sensitive embedded applications often impose substantial wait state
penalties. The 80960Jx integrates considerable storage resources on-chip to decouple CPU
execution from the external bus.
Figure 1.
80960Jx Microprocessor Package Options
i960®
i
M
i
©19xx
M
© 19xx
A80960JX
NG80960JX
XXXXXXXXSS
XXXXXXXX SS
i
M
©19xx
GD80960JX
XXXXXXXSS
132-Pin PGA
132-Pin PQFP
136-Ball MPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com