Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 22 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 22 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 18Page - Intel Corporation 80960JF Datasheet HTML 19Page - Intel Corporation 80960JF Datasheet HTML 20Page - Intel Corporation 80960JF Datasheet HTML 21Page - Intel Corporation 80960JF Datasheet HTML 22Page - Intel Corporation 80960JF Datasheet HTML 23Page - Intel Corporation 80960JF Datasheet HTML 24Page - Intel Corporation 80960JF Datasheet HTML 25Page - Intel Corporation 80960JF Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
22
Advance Information Datasheet
3.1.2
80960Jx 132-Lead PGA Pinout
Figure 3.
132-Lead Pin Grid Array Bottom View - Pins Facing Up
AD6
AD11
AD13
VCC
VCC
VCC
VCC
VCC
VCC
VCC
AD18
AD19
AD22
AD25
AD3
AD7
AD10
VSS
VSS
VSS
VSS
VSS
VSS
VSS
AD20
AD24
AD26
AD27
AD0
AD4
AD8
AD9
AD12
AD14
AD15
AD16
AD17
AD21
AD23
AD29
AD30
NC
AD28
BE3
BE2
AD31
VSS
VCC
BE1
VSS
VCC
BE0
VSS
VCC
ALE
VCC
BSTAT
VSS
VCC
VSS
VCC
DT/R
VSS
VCC
VCC
AD1
VCC
VSS
VCC
VSS
NC
CLKIN
VSS
VCCPLL
VCC
VSS
NC
VCC
RDYRCV
VCC
RESET
VCC
VSS
AD5
AD2
VSS
TDI
XINT0
NC
A2
WIDTH/
ADS
A3
XINT1
TMS
XINT2
NC
STEST
TRST
HOLD
NC
FAIL
VCC5
BLAST
LOCK/ HOLDA
TCK
XINT3
XINT5
XINT7
NMI
VCC
VCC
VCC
VCC
NC
NC
ALE
XINT6
VSS
VSS
VSS
VSS
NC
TDO
WIDTH/
D/C
W/R
XINT4
P
N
M
L
K
J
H
G
F
E
D
C
B
A
P
N
M
L
K
J
H
G
F
E
D
C
B
A
14
13
12
11
10
9
8
7
6
5
4
3
2
1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VSS
DEN
VSS
HLTD1
HLTD0
ONCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com