Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 37 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 37 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 33Page - Intel Corporation 80960JF Datasheet HTML 34Page - Intel Corporation 80960JF Datasheet HTML 35Page - Intel Corporation 80960JF Datasheet HTML 36Page - Intel Corporation 80960JF Datasheet HTML 37Page - Intel Corporation 80960JF Datasheet HTML 38Page - Intel Corporation 80960JF Datasheet HTML 39Page - Intel Corporation 80960JF Datasheet HTML 40Page - Intel Corporation 80960JF Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
Advance Information Datasheet
37
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 16.
Maximum TA at Various Airflows in °C (80960JD)
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
33
25
20
16.67
61
70
75
79
73
79
82
86
76
82
85
87
81
86
88
90
85
88
90
92
86
90
91
93
PGA
Package
TA without Heatsink
33
25
20
16.67
58
68
73
78
68
75
79
83
76
82
85
87
80
84
87
89
81
86
88
90
83
87
89
91
TA with Omnidirectional
Heatsink1
33
25
20
16.67
75
81
84
87
85
88
90
92
90
92
93
95
92
94
95
96
93
95
96
96
93
95
96
96
TA with Unidirectional
Heatsink2
33
25
20
16.67
73
79
82
86
86
90
91
93
90
92
93
95
92
94
95
96
93
95
96
96
93
96
96
96
MPBGA
Package
TA without Heatsink
25
20
16.67
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NOTES:
1. 0.248” high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin spacing).
2. 0.250” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing).
Table 17.
Maximum TA at Various Airflows in °C (80960JA/JF)
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
For NG80960JA/JF
TA without Heatsink
33
25
16
79
84
89
86
89
92
87
90
93
90
92
95
92
94
96
93
94
96
For TG80960JA-25
TA without Heatsink
25
84
89
90
92
94
94
PGA
Package
TA without Heatsink
33
25
16
78
83
88
83
87
91
87
90
93
89
92
94
90
92
95
91
93
95
TA with Omnidirectional
Heatsink1
33
25
16
87
90
93
92
94
96
95
96
97
96
97
98
96
97
98
96
97
98
TA with Unidirectional
Heatsink2
33
25
16
86
89
92
93
94
96
95
96
97
96
97
98
96
97
98
96
97
98
MPBGA
Package
TA without Heatsink
33
25
16
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NOTES:
1. 0.248” high omnidirectional heatsink (AI alloy 6061, 41 mil fin width, 124 mil center-to-center fin spacing).
2. 0.250” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com