Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JF Datasheet(PDF) 25 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 21Page - Intel Corporation 80960JF Datasheet HTML 22Page - Intel Corporation 80960JF Datasheet HTML 23Page - Intel Corporation 80960JF Datasheet HTML 24Page - Intel Corporation 80960JF Datasheet HTML 25Page - Intel Corporation 80960JF Datasheet HTML 26Page - Intel Corporation 80960JF Datasheet HTML 27Page - Intel Corporation 80960JF Datasheet HTML 28Page - Intel Corporation 80960JF Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
Advance Information Datasheet
25
80960JA/JF/JD/JT 3.3 V Microprocessor
Table 7.
132-Lead PGA Pinout — In Pin Order
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
A1
ADS
C6
FAIL
H1
VCC
M10
AD12
A2
WIDTH/HLTD1
C7
VCC5
H2
VSS
M11
AD9
A3
ALE
C8
NC
H3
BE0
M12
AD8
A4
NC
C9
HOLD
H12
VCCPLL
M13
AD4
A5
NC
C10
XINT1
H13
VSS
M14
AD0
A6
VCC
C11
XINT0
H14
CLKIN
N1
AD27
A7
VCC
C12
TRST
J1
VCC
N2
AD26
A8
VCC
C13
STEST
J2
VSS
N3
AD24
A9
VCC
C14
NC
J3
BE1
N4
AD20
A10
NMI
D1
VCC
J12
NC
N5
VSS
A11
XINT7
D2
VSS
J13
VSS
N6
VSS
A12
XINT5
D3
DT/R
J14
VCC
N7
VSS
A13
XINT2
D12
TDI
K1
VCC
N8
VSS
A14
TMS
D13
VSS
K2
VSS
N9
VSS
B1
W/R
D14
VCC
K3
AD31
N10
VSS
B2
D/C
E1
VCC
K12
AD2
N11
VSS
B3
WIDTH/HLTD0
E2
VSS
K13
VSS
N12
AD10
B4
TDO
E3
DEN
K14
VCC
N13
AD7
B5
NC
E12
RESET
L1
BE2
N14
AD3
B6
VSS
E13
VSS
L2
BE3
P1
AD25
B7
VSS
E14
VCC
L3
AD28
P2
AD22
B8
VSS
F1
VCC
L12
AD5
P3
AD19
B9
VSS
F2
VSS
L13
AD1
P4
AD18
B10
XINT6
F3
BSTAT
L14
VCC
P5
VCC
B11
XINT4
F12
RDYRCV
M1
AD30
P6
VCC
B12
XINT3
F13
VSS
M2
AD29
P7
VCC
B13
TCK
F14
VCC
M3
NC
P8
VCC
B14
NC
G1
VCC
M4
AD23
P9
VCC
C1
LOCK/ONCE
G2
VSS
M5
AD21
P10
VCC
C2
HOLDA
G3
ALE
M6
AD17
P11
VCC
C3
BLAST
G12
NC
M7
AD16
P12
AD13
C4
A3
G13
VSS
M8
AD15
P13
AD11
C5
A2
G14
VCC
M9
AD14
P14
AD6
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com