Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT75C310 Datasheet HTML 1Page - ATMEL Corporation AT75C310 Datasheet HTML 2Page - ATMEL Corporation AT75C310 Datasheet HTML 3Page - ATMEL Corporation AT75C310 Datasheet HTML 4Page - ATMEL Corporation AT75C310 Datasheet HTML 5Page - ATMEL Corporation AT75C310 Datasheet HTML 6Page - ATMEL Corporation AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
ARM7TDMIARM® Thumb® Processor Core
Two 16-bit Fixed-point OakDSPCore® Cores
256 x 32-bit Boot ROM
88K Bytes of Integrated Fast RAM for Each DSP
Flexible External Bus Interface with Programmable Chip Selects
Dual Codec Interface
Multi-level Priority, Individually Maskable, Vectored Interrupt Controller
Three 16-bit Timer/Counters
Additional Watchdog Timer
Two USARTs with FIFO and Modem Control Lines
Industry Standard Serial Peripheral Interface (SPI)
Up to 23 General-purpose I/O Pins
On-chip DRAM Controller
JTAG Debug Interface
Software Development Suites Available for ARM7TDMI and OakDSPCore
Supported by a Wide Range of Ready-to-use Application Software, including
Multitasking Operating System, Networking, Modems, and Voice-processing Functions
Available in 160-lead PQFP Package
3.3V Power Supply
Description
The Atmel AT75C310 Smart Internet Appliance Processor (SIAP) is a high-perfor-
mance processor specially designed for Internet appliance applications, such as
Internet telephony (Voice over Internet Protocol – VoIP). The AT75C310 is built
around an ARM7TDMI microcontroller core running at 20 MIPS with two DSP co-pro-
cessors running at 40 MIPS each – all three processors delivering unmatched
performance for low power consumption.
In a typical standalone VoIP phone, one DSP handles the voice-processing functions
(voice compression, acoustic echo cancellation, etc.), while the other one deals with
the telephony functions (dialing, line echo cancellation, callerID detection, high-speed
modem, etc.). In such an application, the power of the ARM7TDMI allows it to run the
VoIP protocol stack as well as all the system control tasks.
Atmel provides the AT75C310 with three levels of software modules:
• a special port of the Linux kernel as the proposed operating system
• a comprehensive set of tunable DSP algorithms for modems and voice processing,
specially tailored to be run by the DSP subsystems
• a broad range of application-level software modules such as H323 telephony or
POP-3/SMTP e-mail services
Smart Internet
Appliance
Processor –
Electrical and
Mechanical
Characteristics
AT75C310
Rev. 1370A–07/00


Similar Part No. - AT75C310

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT75C310 ATMEL-AT75C310 Datasheet
187Kb / 12P
Smart Internet Appliance Processor
More results

Similar Description - AT75C310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21MOD870 AD-ADSP-21MOD870 Datasheet
231Kb / 32P
Internet Gateway Processor
REV.0
logo
ATMEL Corporation
AT75C221 ATMEL-AT75C221 Datasheet
556Kb / 23P
Smart Internet Appliance Processor
AT75C320 ATMEL-AT75C320 Datasheet
193Kb / 13P
Smart Internet Appliance Processor
AT75C310 ATMEL-AT75C310 Datasheet
187Kb / 12P
Smart Internet Appliance Processor
AT75C220 ATMEL-AT75C220 Datasheet
1Mb / 144P
Smart Internet Appliance Processor(SIAP)
AT75C140 ATMEL-AT75C140 Datasheet
216Kb / 18P
Smart Internet Appliance Processor (SIAP-TM)
AT75C ATMEL-AT75C Datasheet
1Mb / 171P
Smart Internet Appliance Processor (SIAP)
logo
Intel Corporation
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
Mechanical and electrical indicator
logo
Delta Electronics, Inc.
DHS-B9292-04A DELTA-DHS-B9292-04A Datasheet
1Mb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com