Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT75C310 Datasheet HTML 3Page - ATMEL Corporation AT75C310 Datasheet HTML 4Page - ATMEL Corporation AT75C310 Datasheet HTML 5Page - ATMEL Corporation AT75C310 Datasheet HTML 6Page - ATMEL Corporation AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation AT75C310 Datasheet HTML 10Page - ATMEL Corporation AT75C310 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AT75C310
7
Figure 6. Static Memory Read Cycle (Zero Wait State)
Table 5. Static Memory Read Cycle (Zero Wait State) Timings
Symbol
Parameter
Min (ns)
Max (ns)
tCSLCSH
Chip Select Low to Chip Select High Time
40.0
t
RLRH
Read Strobe Low to Read Strobe High Time
19.0
t
RLDV1
Read Strobe Low to Data Valid Time – Standard
Read Mode
6.0
t
RLDV2
Read Strobe Low to Data Valid Time – Early Read
Mode
27.0
tCSLDV
Chip Select Low to Data Valid
25.0
t
AVDV
Address Valid to Data Valid
24.0
t
BSLDV
Byte Select Low to Data Valid
26.0
tRHCSH
Read Strobe High to Chip Select High
0
t
RHAH
Address Hold after Read Strobe High
0
t
RHBSH
Read Strobe High to Byte Select High
0
tRHDH
Data Hold after Read Strobe High
0
tCSLCSH
tRLRH
A
NCEx
tCSLDV
tAVDV
tBSLDV
NWEx
(Byte Select Mode)
tRHAH
D
tRHDH
tRHCSH
tRHBSH
tRLDV 2
tRLDV1
NSOE
(Early Read Mode)
NSOE
(Standard Read Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com