Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT75C310 Datasheet HTML 1Page - ATMEL Corporation AT75C310 Datasheet HTML 2Page - ATMEL Corporation AT75C310 Datasheet HTML 3Page - ATMEL Corporation AT75C310 Datasheet HTML 4Page - ATMEL Corporation AT75C310 Datasheet HTML 5Page - ATMEL Corporation AT75C310 Datasheet HTML 6Page - ATMEL Corporation AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AT75C310
2
Absolute Maximum Ratings*
DC Characteristics
AC Characteristics
Conditions
The values are for full temperature range and worst-case process.
Environment Constraints
The output delays are valid for a capacitive load of 10 pF, as shown in Figure 1.
Figure 1. Output/Bidir Pad Capacitive Load
Operating Temperature (Commercial).............0
°C to +70°C
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Voltage on Any Input Pin
with Respect to Ground-..................................0.5V to +4.0V
Maximum Operating Voltage..........................................4.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
DD
DC Supply
3.0
3.3
3.6
V
T
A
Ambient Temperature
0
70
°C
V
IL
Input Low Voltage
V
DD = 3.0V to 3.6V
-0.5
0.3 x V
DD
V
VIH
Input High Voltage
VDD = 3.0V to 3.6V
0.7 x
VDD
3.6
V
V
OL
Output Low Voltage
I
OL = 0.8 mA, V
DD = 3.3V
0.1
V
V
OH
Output High Voltage
I
OH = 0.8 mA, V
DD = 3.3V
V
DD - 0.1
V
PAD
CL = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com