Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT75C310 Datasheet HTML 1Page - ATMEL Corporation AT75C310 Datasheet HTML 2Page - ATMEL Corporation AT75C310 Datasheet HTML 3Page - ATMEL Corporation AT75C310 Datasheet HTML 4Page - ATMEL Corporation AT75C310 Datasheet HTML 5Page - ATMEL Corporation AT75C310 Datasheet HTML 6Page - ATMEL Corporation AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AT75C310
4
Figure 3. DRAM Read Cycle (Burst Read)
Table 2. DRAM Read Cycle (Burst Read) Timings
Symbol
Parameter
Min (ns)
Max (ns)
t
CPRH
RAS Hold Time from CAS Precharge
48.0
tCSH
CAS Hold Time
61.0
t
RCD
RAS to CAS Delay Time
41.0
t
CAS
CAS Pulse Width
20.0
tCP
CAS Precharge Time
19.0
t
ASR
Row Address Setup Time
1.5
t
RAH
Row Address Hold Time
22.0
tASC
Column Address Setup Time
15.0
t
CAH
Column Address Hold Time
21.0
t
CAC
Access Time from CAS
22.0
tOEA
Access Time from NDOE
34.0
t
AA
Access Time from Column Address
38.0
t
RAC
Access Time from RAS
63.0
tCPA
Access Time from CAS Precharge
43.0
t
OHO
Data Hold from NDOE
0
t
DOH
Data Hold from CAS Low
0
tAA
tRAC
tOEA
tCAC
tRCD
tCSH
tCPRH
tCAS
tCAH
tASC
tRAH
tASR
D
NDOE
A
NCASx
NRASx
tCAS
tCP
tCAH
tASC
tCAC
tAA
tDOH
tCPA
tOHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com