Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT75C310 Datasheet HTML 1Page - ATMEL Corporation AT75C310 Datasheet HTML 2Page - ATMEL Corporation AT75C310 Datasheet HTML 3Page - ATMEL Corporation AT75C310 Datasheet HTML 4Page - ATMEL Corporation AT75C310 Datasheet HTML 5Page - ATMEL Corporation AT75C310 Datasheet HTML 6Page - ATMEL Corporation AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AT75C310
3
Memory Timing Waveforms
Figure 2. DRAM Read Cycle (Single Read)
Table 1. DRAM Read Cycle (Single Read) Timings
Symbol
Parameter
Min (ns)
Max (ns)
tRC
Read or Write Cycle Time
125.0
t
RAS
RAS Pulse Width
82.0
t
RP
RAS Precharge Time
42.0
tCSH
CAS Hold Time
61.0
t
CRP
CAS to RAS Precharge Time
49.0
t
RCD
RAS to CAS Delay Time
41.0
tRSH
RAS Hold Time
29.0
t
CAS
CAS Pulse Width
20.0
t
ASR
Row Address Setup Time
1.0
tRAH
Row Address Hold Time
22.0
t
ASC
Column Address Setup Time
15.0
t
CAH
Column Address Hold Time
21.0
tCAC
Access Time from CAS
22.0
t
OEA
Access Time from NDOE
34.0
t
AA
Access Time from Column Address
38.0
tRAC
Access Time from RAS
63.0
t
OHO
Data Hold from NDOE
0
tOHO
tAA
tRAC
tOEA
tCAC
tRC
tRP
tRAS
tRCD
tRSH
tCSH
tCRP
tCAS
tCAH
tASC
tRAH
tASR
D
NDOE
A
NCASx
NRASx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com