Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT75C310 Datasheet HTML 9Page - ATMEL Corporation AT75C310 Datasheet HTML 10Page - ATMEL Corporation AT75C310 Datasheet HTML 11Page - ATMEL Corporation AT75C310 Datasheet HTML 12Page - ATMEL Corporation AT75C310 Datasheet HTML 13Page - ATMEL Corporation AT75C310 Datasheet HTML 14Page - ATMEL Corporation AT75C310 Datasheet HTML 15Page - ATMEL Corporation AT75C310 Datasheet HTML 16Page - ATMEL Corporation AT75C310 Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AT75C310
15
Packaging Information
Figure 14. SQFP Package Drawing
Thermal Resistance
Thermal Resistance = 33C
°/W
CC
1
1
Table 13. Package Dimensions for 160-lead SQFP Package (mm)
Symbol
Min
Nom
Max
Symbol
Min
Nom
Max
c
0.11
0.23
A
4.10
c1
0.11
0.15
0.19
A1
0.25
0.50
L
0.650.881.03
A2
3.203.403.60
L1
1.60 REF
b
0.29
0.45
R2
0.13
0.3
b1
0.29
0.35
0.41
R1
0.13
D
31.20
S
0.4
D1
28.00
Tolerances of Form and Position
E
31.20
aaa
0.25
E1
28.00
ccc
0.1
e
0.65
ddd
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com