Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT75C310 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT75C310 Datasheet HTML 2Page - ATMEL Corporation AT75C310 Datasheet HTML 3Page - ATMEL Corporation AT75C310 Datasheet HTML 4Page - ATMEL Corporation AT75C310 Datasheet HTML 5Page - ATMEL Corporation AT75C310 Datasheet HTML 6Page - ATMEL Corporation AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation AT75C310 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AT75C310
6
Figure 5. DRAM Refresh Cycle
Table 4. DRAM Refresh Cycle Timings
Symbol
Parameter
Min (ns)
Max (ns)
t
RC
Cycle Time
125.0
t
RAS
RAS Pulse Width
82.0
tRP
RAS Precharge Time
42.0
t
CP
CAS Precharge Time
19.0
t
RPC
RAS Precharge before CAS
33.0
tCSR
CAS Setup before RAS
48.0
t
CHR
CAS Hold after RAS
32.0
t
CRP
CAS to RAS Precharge Time
49.0
tWRP
Write Enable Setup Time (Refresh Cycle)
91.0
t
WRH
Write Enable Hold Time (Refresh Cycle)
32.0
tRC
tRP
tRAS
tRPC
tCSR
tCRP
NDWE
NCASx
NRASx
tRP
tCP
tCHR
tWRH
tWRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com