Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 49Page - Cirrus Logic CS61884-IB Datasheet HTML 50Page - Cirrus Logic CS61884-IB Datasheet HTML 51Page - Cirrus Logic CS61884-IB Datasheet HTML 52Page - Cirrus Logic CS61884-IB Datasheet HTML 53Page - Cirrus Logic CS61884-IB Datasheet HTML 54Page - Cirrus Logic CS61884-IB Datasheet HTML 55Page - Cirrus Logic CS61884-IB Datasheet HTML 56Page - Cirrus Logic CS61884-IB Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
CS61884
DS485PP4
53
18.1 Transformer specifications
Recommended
transformer
specifications
are
shown in Table 12. Any transformer used with the
CS61884 should meet or exceed these specifica-
tions.
18.2 Crystal Oscillator Specifications
When a reference clock signal is not available, a
CMOS crystal oscillator may be used as the refer-
ence clock signal. The oscillator must have a mini-
mum symmetry of 40-60% and minimum stability
of + 100ppm for both E1 and T1/J1 applications.
18.3 Designing for AT&T 62411
For information on requirements of the AT&T
62411 and the design of the appropriate system
synchronizer, refer to Application Note AN012
“AT&T 62411 Design Considerations - Jitter and
Synchronization” and Application Note AN011
“Jitter Testing Procedures for Compliance with
AT&T 62411”.
18.4 Line Protection
Secondary protection components can be added to
the line interface circuitry to provide lightning
surge and AC power-cross immunity. For addition-
al information on the different electrical safety
standards and specific applications circuit recom-
mendations, refer to Application Note AN034
“Secondary Line Protection for T1 and E1 Cards”.
Table 12. Transformer Specifications
Descriptions
Specifications
Turns Ratio Receive/Trans-
mit
1:2
Primary Inductance
1.5mH min. @ 772 kHz
Primary Leakage Induc-
tance
0.3
µH max @ 772 kHz
Secondary leakage Induc-
tance
0.4
µH max @ 772 kHz
Inter winding Capacitance
18pF max, primary to
secondary
ET-Constant
16V -
µsmin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com