Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 47Page - Cirrus Logic CS61884-IB Datasheet HTML 48Page - Cirrus Logic CS61884-IB Datasheet HTML 49Page - Cirrus Logic CS61884-IB Datasheet HTML 50Page - Cirrus Logic CS61884-IB Datasheet HTML 51Page - Cirrus Logic CS61884-IB Datasheet HTML 52Page - Cirrus Logic CS61884-IB Datasheet HTML 53Page - Cirrus Logic CS61884-IB Datasheet HTML 54Page - Cirrus Logic CS61884-IB Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
CS61884
DS485PP4
51
18. APPLICATIONS
Figure 17. Internal RX/TX Impedance Matching
+
RGND
+3.3V
RV+
T1 1:2
REF
CS61884
One Channel
TR I N G
TT I P
TRANSMIT
LINE
T2 1:2
RT I P
RR I N G
R1
R2
13.3k
Ω
GND
CBLSEL
TV+
VCCIO
+3.3V
+
TGND
+
GNDIO
NC
100
Ω
75
Ω
Cable
120
Ω
Cable
+3.3V
68
µ F
0.1
µ F
0.1
µ F
0. 1
µ F
0. 1
µ F
RECEIVE
LINE
Note 2
Note 1
Note 1
Notes:1) Required Capacitor between each TV+, RV+, VCCIO and TGND, RGND, GNDIO respec-
tively.
2) Common decoupling capacitor for all TVCC and TGND pins.
Component
T1/J1 100
Ω
Twisted Pair
Cable
E1 75
Ω
Coaxial
Cable
E1 120
Ω
Twisted Pair
Cable
R1 (
Ω)
15
15
15
R2 (
Ω)
15
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com