Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 30Page - Cirrus Logic CS61884-IB Datasheet HTML 31Page - Cirrus Logic CS61884-IB Datasheet HTML 32Page - Cirrus Logic CS61884-IB Datasheet HTML 33Page - Cirrus Logic CS61884-IB Datasheet HTML 34Page - Cirrus Logic CS61884-IB Datasheet HTML 35Page - Cirrus Logic CS61884-IB Datasheet HTML 36Page - Cirrus Logic CS61884-IB Datasheet HTML 37Page - Cirrus Logic CS61884-IB Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
CS61884
34
DS485PP4
13.4 Register Set
The register set available during host mode opera-
tions are presented in Table 9. While the upper
three bits of the parallel address are don’t cares on
the CS61884, they should be set to zero for proper
operation.
Table9. Host ModeRegisterSet
REGISTERS
BITS
ADDR
NAME
TYPE
7
6
5
4
3
2
1
0
00h
Revision/IDCODE
R
IDCODE Refer to Device ID Register (IDR) on page 48
01h
Analog Loopback
R/W
ALBK 7
ALBK 6
ALBK 5
ALBK 4
ALBK 3
ALBK 2
ALBK 1
ALBK 0
02h
Remote Loopback
R/W
RLBK 7
RLBK 6
RLBK 5
RLBK 4
RLBK 3 RLBK 2
RLBK 1
RLBK 0
03h
TAOS Enable
R/W
TAOE 7
TAOE 6
TAOE 5
TAOE 4
TAOE 3
TAOE 2 TAOE 1
TAOE 0
04h
LOS Status
R
LOSS 7
LOSS 6
LOSS 5
LOSS 4
LOSS 3 LOSS 2 LOSS 1
LOSS 0
05h
DFM Status
R
DFMS 7 DFMS 6 DFMS 5 DFMS 4 DFMS 3 DFMS 2 DFMS 1 DFMS 0
06h
LOS Interrupt Enable
R/W
LOSE 7
LOSE 6
LOSE 5
LOSE 4
LOSE 3 LOSE 2 LOSE 1
LOSE 0
07h
DFM Interrupt Enable
R/W
DFME 7 DFME 6 DFME 5 DFME 4 DFME 3 DFME 2 DFME 1 DFME 0
08h
LOS Interrupt Status
R
LOSI 7
LOSI 6
LOSI 5
LOSI 4
LOSI 3
LOSI 2
LOSI 1
LOSI 0
09h
DFM Interrupt Status
R
DFMI 7
DFMI 6
DFMI 5
DFMI 4
DFMI 3
DFMI 2
DFMI 1
DFMI 0
0Ah
Software Reset
R/W
SRES 7 SRES 6 SRES 5 SRES 4 SRES 3 SRES 2 SRES 1 SRES 0
0Bh
Performance Monitor
R/W
RSVD
RSVD
RSVD
RSVD
A3
A2
A1
A0
0Ch
Digital Loopback
R/W
DLBK 7
DLBK 6
DLBK 5
DLBK 4
DLBK 3 DLBK 2
DLBK 1
DLBK 0
0Dh
LOS/AIS Mode Enable
R/W
LAME 7 LAME 6 LAME 5 LAME 4 LAME 3 LAME 2 LAME 1 LAME 0
0Eh
Automatic TAOS
R/W
ATAO 7
ATAO 6
ATAO 5
ATAO 4
ATAO 3
ATAO 2
ATAO 1
ATAO 0
0Fh
Global Control
R/W
AI
Raisen
RSVD
Coden
FIFO
JACF
JASEL [1:0]
10h
Line Length Channel ID
R/W
RSVD
RSVD
RSVD
RSVD
RSVD
Channel ID
11h
Line Length Data
R/W
RSVD
RSVD
RSVD
IN_EX
LEN[3:0]
12h
Output Disable
R/W
OENB 7 OENB 6 OENB 5 OENB 4 OENB 3 OENB 2 OENB 1 OENB 0
13h
AIS Status
R
AISS 7
AISS 6
AISS 5
AISS 4
AISS 3
AISS 2
AISS 1
AISS 0
14h
AIS Interrupt Enable
R/W
AISE 7
AISE 6
AISE 5
AISE 4
AISE 3
AISE 2
AISE 1
AISE 0
15h
AIS Interrupt Status
R
AISI 7
AISI 6
AISI 5
AISI 4
AISI 3
AISI 2
AISI 1
AISI 0
16h
AWG Broadcast
R/W AWGB 7 AWGB 6 AWGB 5 AWGB 4 AWGB 3 AWGB 2 AWGB 1 AWGB 0
17h
AWG Phase Address
R/W
Channel Address [2:0]
Phase Address [4:0]
18h
AWG Phase Data
R/W
RSVD
Sample Data[6:0]
19h
AWG Enable
R/W AWGN 7 AWGN 6 AWGN 5 AWGN 4 AWGN 3 AWGN 2 AWGN 1 AWGN 0
1Ah AWG Overflow Interrupt Enable R/W AWGE 7 AWGE 6 AWGE 5 AWGE 4 AWGE 3 AWGE 2 AWGE 1 AWGE 0
1Bh
AWG Overflow Interrupt Status
R
AWGI 7
AWGI 6
AWGI 5
AWGI 4
AWGI 3
AWGI 2 AWGI 1
AWGI 0
1Ch
RESERVED
R/W
RSVD 6 RSVD 5 RSVD 4 RSVD 3 RSVD 2 RSVD 1 RSVD 0 RSVD 6
1Dh
RESERVED
R
RSVD 6 RSVD 5 RSVD 4 RSVD 3 RSVD 2 RSVD 1 RSVD 0 RSVD 6
1Eh
BITS Clock Enable
R/W
BITS 7
BITS 6
BITS 5
BITS 4
BITS 3
BITS 2
BITS 1
BITS 0
1Fh
RESERVED
R/W
RSVD 7 RSVD 6 RSVD 5 RSVD 4 RSVD 3 RSVD 2 RSVD 1 RSVD 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com