Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 50Page - Cirrus Logic CS61884-IB Datasheet HTML 51Page - Cirrus Logic CS61884-IB Datasheet HTML 52Page - Cirrus Logic CS61884-IB Datasheet HTML 53Page - Cirrus Logic CS61884-IB Datasheet HTML 54Page - Cirrus Logic CS61884-IB Datasheet HTML 55Page - Cirrus Logic CS61884-IB Datasheet HTML 56Page - Cirrus Logic CS61884-IB Datasheet HTML 57Page - Cirrus Logic CS61884-IB Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
CS61884
54
DS485PP4
19. CHARACTERISTICS AND SPECIFICATIONS
19.1 Absolute Maximum Ratings
CAUTION: Operations at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
19.2 Recommended Operating Conditions
Notes: 1. Human Body Model
2. Transient current of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND can
withstand a continuous current of 100 mA.
3. Power consumption while driving line load over the full operating temperature and power supply voltage
range. Includes all IC channels and loads. Digital inputs are within 10% of the supply rails and digital
outputs are driving a 50pF capacitive load.
4. Typical consumption corresponds to 50% ones density for E1/T1/J1 modes and medium line length
setting for T1/J1 mode at 3.3Volts.
5. Maximum consumption corresponds to 100% ones density for E1/T1/J1 modes and maximum line
length settings for T1/J1 mode at 3.465Volts.
6. This specification guarantees TTL compatibility (VOH =2.4 V @ IOUT = -400 µA).
7. Output drivers are TTL compatible.
8. Pulse amplitude measured at the output of the transformer across a 75
Ω load.
9. Pulse amplitude measured at the output of the transformer across a 120
Ω load.
10. Pulse amplitude measured at the output of the transformer across a 100
Ω load for all line length
settings.
Parameter
Symbol
Min.
Max
Units
DC Supply
(referenced to RGND = TGND = 0V)
RV+
TV+
-
-
4.0
4.0
V
V
DC Supply
VCCIO
-0.5
4.6
V
Input Voltage, Any Digital Pin except CBLSEL, MODE and
LOOP(n) pins
(referenced to GNDIO = 0V)
VIH
GNDIO -0.5
5.3
V
Input Voltage CBLSEL, MODE & LOOP(n) Pins
(referenced to GNDIO = 0V)
VIH
GNDIO -0.5
VCCIO +0.5
V
Input voltage, RTIP and RRING Pins
TGND -0.5
TV+ +0.5
V
ESD voltage, Any pin
Note 1
2k
-
V
Input current, Any Pin
Note 2
IIH
-10
+10
mA
Maximum Power Dissipation, In package
Pp
-1.73
W
Ambient Operating Temperature
TA
-40
85
C
Storage Temperature
Tstg
-65
150
C
Parameter
Symbol
Min.
Typ
Max
Units
DC Supply
RV+, TV+
3.135
3.3
3.465
V
DC Supply
VCCIO
3.135
3.3
3.465
V
Ambient operating Temperature
TA
-40
25
85
C
Power Consumption, T1/J1 Mode, 100
Ω line load
Notes 3, 4, 5
-
-
970
1900
mW
Power Consumption, E1 Mode, 75
Ω line load
Notes 3, 4, 5
-
-
810
1400
mW
Power Consumption, E1 Mode, 120
Ω line load
Notes 3, 4, 5
-
-
750
1300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com