Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 52Page - Cirrus Logic CS61884-IB Datasheet HTML 53Page - Cirrus Logic CS61884-IB Datasheet HTML 54Page - Cirrus Logic CS61884-IB Datasheet HTML 55Page - Cirrus Logic CS61884-IB Datasheet HTML 56Page - Cirrus Logic CS61884-IB Datasheet HTML 57Page - Cirrus Logic CS61884-IB Datasheet HTML 58Page - Cirrus Logic CS61884-IB Datasheet HTML 59Page - Cirrus Logic CS61884-IB Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
CS61884
56
DS485PP4
19.5 Receiver Analog Characteristics
(TA = -40
°Cto85°C; TV+, RV+ = 3.3 V ±5%; GND = 0 V))
Notes: 11. Parameters guaranteed by design and characterization.
12. Using components on the CDB61884 evaluation board in Internal Match Impedance Mode.
13. Return loss = 20log10 ABS((Z1 + Z0) / (Z1 - Z0)) where Z1 - impedance of the transmitter or receiver,
and Z0 = cable impedance.
14. Assuming that jitter free clock is input to TCLK.
15. Jitter tolerance for 0 dB for T1/J1 input signal levels and 6 dB for E1 input signal levels. Jitter tolerance
increases at lower frequencies. HDB3/B8ZS coders enabled.
16. In Data Recovery Mode.
17. Jitter Attenuator in the receive path.
Parameter
Min.
Typ
Max
Units
Allowable Cable Attenuation @ 1024kHz and 772kHz
-
-
- 12
dB
RTIP/RRING Input Impedance
T1/J1 100
Ω Load
(Internal Line matching mode)
E1 120
Ω Load
Note 11
E1 75
Ω Load
-
-
-
140
14k
50
-
-
-
Ω
RTIP/RRING Input Impedance
T1/J1 100
Ω Load
(External Line matching mode)
E1 120
Ω Load
Note 11
E1 75
Ω Load
-
-
-
14K
14k
14K
-
-
-
Ω
Receiver Dynamic Range
0.5
-
-
Vp
Signal to Noise margin (Per G.703, O151 @ 6dB cable Atten).
Note 11
-- 18
-
dB
Receiver Squelch Level
-
150
-
mV
LOS Threshold
-
200
-
mV
LOS Hysteresis
-
50
-
mV
Data Decision Threshold
E1 Modes
Note 11
41
50
59
% of
peak
Data Decision Threshold
T1/J1 Modes
Note 11
56
65
74
% of
peak
Input Jitter Tolerance - E1
1 Hz - 1.8 Hz
Notes 11, 15, 17
20 Hz - 2.4 kHz
18 kHz - 100 kHz
18
1.5
0.2
-
-
-
-
-
-
UI
Input Jitter Tolerance - T1/J1
0.1 Hz - 1 Hz
Notes 11, 15, 17
4.9 Hz - 300 kHz
10kHz - 100 kHz
138
28
0.4
-
-
-
-
-
-
UI
Input Return Loss - E1/T1/J1
51 kHz - 102 kHz
102 kHz - 2048 kHz
Notes 11, 12, 13
2048 kHz - 3072 kHz
-18
-18
-18
-28
-30
-27
-
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com