Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 26Page - Cirrus Logic CS61884-IB Datasheet HTML 27Page - Cirrus Logic CS61884-IB Datasheet HTML 28Page - Cirrus Logic CS61884-IB Datasheet HTML 29Page - Cirrus Logic CS61884-IB Datasheet HTML 30Page - Cirrus Logic CS61884-IB Datasheet HTML 31Page - Cirrus Logic CS61884-IB Datasheet HTML 32Page - Cirrus Logic CS61884-IB Datasheet HTML 33Page - Cirrus Logic CS61884-IB Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
CS61884
30
DS485PP4
12.3 Digital Loopback
Digital Loopback causes the TCLK, TPOS, and
TNEG (or TDATA) inputs to be looped back
through the jitter attenuator (if enabled) to the
RCLK, RPOS, and RNEG (or RDATA) outputs.
The receive line interface is ignored, but data at
TPOS and TNEG (or TDATA) continues to be
transmitted to the line interface at TTIP and
TRING (Refer to Figure10 onpage31).
Digital Loopback is only available during host
mode. It is selected using the appropriate bit in the
Digital Loopback Reset Register (0Ch) (See Sec-
tion 14.13 on page 37).
NOTE: TAOS can also be used during the Digital Loop-
back operation for the selected channel (Refer
to Figure 11 on page 31).
12.4 Remote Loopback
In remote loopback, the RPOS/RNEG and RCLK
outputs are internally input to the transmit circuits
for output on TTIP/TRING. In this mode the
TCLK, TPOS and TNEG inputs are ignored. (Refer
to Figure 12 on page 31). In hardware mode, Re-
mote Loopback is selected by driving the LOOP
pin for a certain channel low. In host mode, Remote
Loopback is selected for a given channel by writing
a one to the appropriate bit in the Remote Loop-
back Register (02h) (See Section 14.3 on
page 35).
NOTE: In hardware mode, Remote Loopback over-
rides TAOS for the selected channel. In host
mode, TAOS overrides Remote Loopback.
TTIP
TRING
RTIP
RRING
TNEG
TCLK
RNEG
RCLK
TPOS
RPOS
Clock Recovery &
Data Recovery
Transmit
Control &
Pulse Shaper
Figure 8. Analog Loopback Block Diagram
TNEG
TCLK
RNEG
RCLK
TPOS
RPOS
TAOS
MCLK
(All One's)
TTIP
TRING
RTIP
RRING
Clock Recovery &
Data Recovery
Transmit
Control &
Pulse Shaper
Figure 9. Analog Loopback with TAOS Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com