Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884-IB Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS61884-IB
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IB Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS61884-IB Datasheet HTML 18Page - Cirrus Logic CS61884-IB Datasheet HTML 19Page - Cirrus Logic CS61884-IB Datasheet HTML 20Page - Cirrus Logic CS61884-IB Datasheet HTML 21Page - Cirrus Logic CS61884-IB Datasheet HTML 22Page - Cirrus Logic CS61884-IB Datasheet HTML 23Page - Cirrus Logic CS61884-IB Datasheet HTML 24Page - Cirrus Logic CS61884-IB Datasheet HTML 25Page - Cirrus Logic CS61884-IB Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
CS61884
22
DS485PP4
4. OPERATION
The CS61884 is a full featured line interface unit
for up to eight E1/T1/J1 lines. The device provides
an interface to twisted pair or co-axial media. A
matched impedance technique is employed that re-
duces power and eliminates the need for matching
resistors. As a result, the device can interface di-
rectly to the line through a transformer without the
need for matching resistors on the transmit side.
The receive side uses the same resistor values for
all E1/T1/J1 settings.
5. POWER-UP
On power-up, the device is held in a static state un-
til the power supply achieves approximately 70%
of the power supply voltage. Once the power sup-
ply threshold is passed, the analog circuitry is cali-
brated, the control registers are reset to their default
settings, and the various internal state machines are
reset. The reset/calibration process completes in
about 30 ms.
6. MASTER CLOCK
The CS61884 requires a 2.048 MHz or 1.544 MHz
reference clock with a minimum accuracy of ±100
ppm. This clock may be supplied from internal sys-
tem timing or a CMOS crystal oscillator and input
to the MCLK pin.
The receiver uses MCLK as a reference for clock
recovery, jitter attenuation, and the generation of
RCLK during LOS. The transmitter uses MCLK as
the transmit timing reference during a blue alarm
transmit all ones condition. In addition, MCLK
provides the reference timing for wait state genera-
tion.
In systems with a jittered transmit clock, MCLK
should not be tied to the transmit clock, a separate
crystal oscillator should drive the reference clock
input. Any jitter present on the reference clock will
not be filtered by the jitter attenuator and can cause
the CS61884 to operate incorrectly.
7. G.772 MONITORING
The receive path of channel zero of the CS61884
can be used to monitor the receive or transmit paths
of any of the other channels. The signal to be mon-
itored is multiplexed to channel zero through the
G.772 Multiplexer. The multiplexer and channel
zero then form a G.772 compliant digital Protected
Monitoring Point (PMP). When the PMP is connect-
ed to the channel, the attenuation in the signal path is
negligible across the signal band. The signal can be
observed using RPOS, RNEG, and RCLK of chan-
nelzeroor byputting channelzeroinremoteloop-
back, the signal can be observed on TTIP and
TRING of channel zero.
The G.772 monitoring function is available during
both host mode and hardware mode operation. In
host modes, individual channels are selected for
monitoring via the Performance Monitor Regis-
ter (0Bh) (See Section 14.12 on page 36)). In hard-
ware mode, individual channels are selected
through the A3:A0 pins (Refer to Table 4 below for
address settings).
NOTE: In hardware mode the A4 pin must be tied low
at all times.
Table 4. G.772 Address Selection
Address [A3:A0]
Channel Selection
0000
Monitoring Disabled
0001
Receiver Channel # 1
0010
Receiver Channel # 2
0011
Receiver Channel # 3
0100
Receiver Channel # 4
0101
Receiver Channel # 5
0110
Receiver Channel # 6
0111
Receiver Channel # 7
1000
Monitoring Disabled
1001
Transmitter Channel # 1
1010
Transmitter Channel # 2
1011
Transmitter Channel # 3
1100
Transmitter Channel # 4
1101
Transmitter Channel # 5
1110
Transmitter Channel # 6
1111
Transmitter Channel # 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com